Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
37
Enhanced Three-Speed Ethernet (eTSEC)
Figure 17 shows the RGMII and RTBI AC timing and multiplexing diagrams.
Figure 17. RGMII and RTBI AC Timing and Multiplexing Diagrams
8.2.7
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
8.2.7.1
RMII Transmit AC Timing Specifications
The RMII transmit AC timing specifications are in Table 34.
Table 34. RMII Transmit AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
TSEC
n_TX_CLK clock period
tRMT
15.0
20.0
25.0
ns
TSEC
n_TX_CLK duty cycle
tRMTH
35
50
65
%
TSEC
n_TX_CLK peak-to-peak jitter
tRMTJ
——
250
ps
Rise time TSEC
n_TX_CLK (20%–80%)
tRMTR
1.0
—
2.0
ns
Fall time TSEC
n_TX_CLK (80%–20%)
tRMTF
1.0
—
2.0
ns
GTX_CLK
tRGT
tRGTH
tSKRGT
TX_CTL
TXD[8:5]
TXD[7:4]
TXD[9]
TXERR
TXD[4]
TXEN
TXD[3:0]
(At Transmitter)
TXD[8:5][3:0]
TXD[7:4][3:0]
TX_CLK
(At PHY)
RX_CTL
RXD[8:5]
RXD[7:4]
RXD[9]
RXERR
RXD[4]
RXDV
RXD[3:0]
RXD[8:5][3:0]
RXD[7:4][3:0]
RX_CLK
(At PHY)
tSKRGT
tSKRGT
tSKRGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com