Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
84
Freescale Semiconductor
Serial RapidIO
Figure 53. Single Frequency Sinusoidal Jitter Limits
Table 64. Receiver AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential input voltage
VIN
200
1600
mVp-p
Measured at receiver
Deterministic jitter tolerance
JD
0.37
—
UI p-p
Measured at receiver
Combined deterministic and random
jitter tolerance
JDR
0.55
—
UI p-p
Measured at receiver
Total jitter tolerance1
JT
0.65
—
UI p-p
Measured at receiver
Multiple input skew
SMI
—
22
ns
Skew at the receiver input between lanes
of a multilane link
Bit error rate
BER
—
10-12
—
Unit interval
UI
320
320
ps
±100 ppm
Note:
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 53. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk and other variable system effects.
8.5 UI p-p
0.10 UI p-p
22.1 kHz
1.875 MHz
20 MHz
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com