Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 150 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 150 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 146Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 147Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 148Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 149Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 153Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 154Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 173 page
background image
Rev. 1.0/Nov. 2009
150
H5GQ1H24AFR
PARAMETER a, b
SYMBOL
3.2Gbps
-
UNIT
NOTES
MIN
MAX
MIN
MAX
NOP/DESELECT commands required upon power-
down and self refresh entry
tCPDED
2
-
tCK
Power down exit time
tXPN
10
-
tCK
Miscellaneous Timings
MODE REGISTER SET command period
tMRD
4
-
tCK
PLL enabled to PLL lock delay
tLK
-
5000
tCK
PLL standby time
tSTDBTY
-
TBD
us
ax
DVS voltage stabilization time
tVS
TBD
-
us
REFRESH to calibration update complete delay
tKO
-
40
ns
Active termination setup time
tATS
10
-
ns
Active termination hold time
tATH
10
-
ns
READ to data out delay in address training mode
tADR
0.5*tCK+
0
0.5*tCK+
10
tCK
q
Address training exit to DQ in ODT state delay
tADZ
-
0.5*tCK+
10
ns
Vendor ID on
tWRIDON
-
11
ns
Venodr ID off
tWRIDOFF
-
11
ns
Temperature sensor enable delay
tTSEN
10
-
us
a. All parameters assume proper device initialization.
b. Tests for AC timing may be considered at norminal supply voltage levels, but the related specification and device operation are guaranteed for the full
voltage and temperature range specified.
c. CK and CK# single-ended input slew rate must be greater than or equal to 3V/ns. The slew rate is measured between VREFC crossing and VIXCK(AC)
d. Parameter fCKBG4 is required for those devices supporting both 3*tCK and 4*tCK setting for bank groups. Devices supporting only 3*tCK or 4*tCK
need only to specify fCKBG.
e. Parameter fCKPIN applies when the alignment point in MR6, bit A0 is set to “at pins”, the phase difference between the WCK and CK clocks at the
DRAM pins is within tWCK2CKSYNC or tWCK2CK for pin mode and no phase search in WCK2CK training is performed.
f. Parameter fCKRDQS applies when RDQS mode is enabled in AR3, bit A5.
g. Parameter fCKBREFD2 applies when the data input reference voltage in MR7, bit A7 (Half VREFD) is set to VREFD2.
h. Parameter fCKAUTOSYNC applies when WCK2CK Auto Synchronization is enabled in MR7, bit A4.
i. Parameter fCKLF applies when Low Frequency Mode is enabled in MR7, bit A3.
j. By definition the norminal WCK clock cycle time always is 1/2 of the CK clock cycle time (not including jitter).
k. WCK and WCK# single-ended input slew rate must be greater than or equal to 3V/ns. The slew rate is measured between VREFD crossing and
VIXWCK(AC).
Table 44. AC Timings (@1.35V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com