Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 152 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 152 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 148Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 149Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 153Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 154Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 173 page
background image
Rev. 1.0 /Nov. 2009
152
H5GQ1H24AFR
aq. The WRITE latency WLmrs cna be set to 3 to 7 clocks. When the WRITE latency is set to small values (3 ~ 4 clocks), the input buffers are always on,
reducing the latency but adding power. When the WRITE latency is set to larger values (5 ~ 7 clocks), the input buffers are turned on with the WRITE
command, thus saving power.
ar. Read data including CRC data must have been clocked out before entering self refresh or power down mode.
as. Write data must have been written to the memory core and CRC data must have been clocked out before entering self refresh or power down mode.
at. Time for WCK2CK training and data training not included.
au. A maximum of 8 consecutive REFRESH commands can be posted to a GDDR5 SGRAM device, meaning that the maximum absolute interval
between any REFRESH command and the next REFRESH command is 9*tREFI.
av. Replaces parameter tLK when PLL Fast Lock has been neabled prior to the PLL enable or reset.
aw. Replaces parameter tLK when PLL Standby has been enabed and the WCK clock frequency has not charged while in standby mode.
ax. The PLL standby time tSTDBY ismeasured from self refresh entry until after self refresh exit a subsequent PLL reset is given (with PLL Standby
enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com