Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 153 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 153 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 149Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 153Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 154Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 157Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 173 page
background image
Rev. 1.0 /Nov. 2009
153
H5GQ1H24AFR
The availability of clock‐to‐data (WCK2DQ) timing sensitivity information provides the controller the 
opportunity to anticipate the impact to timings from variations in environmental conditions (such as 
changes in voltage or temperature) allowing the controller to take corrective action if necessary (e.g. 
realigning WCK and DQ). 
Variations in relative timing between WCK and data are reported for READ and WRITE paths. This speci‐
fication calls out one zone each for VDDQ, VDD, and Tcase temperature over a specified range. Vendors 
may choose to provide information for additional zones covering, in total, a wider range or a finer granu‐
larity or both. 
However, within a given zone if an approximated value (i.e. the specified slope) deviates from the charac‐
terized slope to such a degree that the approximated WCK‐to‐DQ time delay would be in error by more 
than 5% of one UI relative to the characterized delay then the splitting of this zone into more than one zone 
is required. 
All zones and their associated specified slopes must form a continuous piece‐wise‐linear curve such that, 
after calibration during normal operation, traversing the approximated curve (i.e. the set of specified 
slopes) does not lead to time delay errors in excess of the 5% of one UI.
Tables 45, 46, and 47 below describe the minimum set of defined zones.
6.3 CLOCK-TO-DATA TIMING SENSITIVITY
VDDQ High
VDDQ Low
Notes
Zone_VQ1
VDDQmax
VDDQmin
a
a. VDDQ(max) is the maximum specified operating voltage. VDDQ(min) is the minimum specified operating
voltage.
Table 45. VDDQ Voltage Zone
VDD High
VDD Low
Notes
Zone_VD1
VDDmax
VDDmin
a
a. VDD(max) is the maximum specified operating voltage. VDD(min) is the minimum specified operating
voltage.
Table 46. VDD Voltage Zone
Tcase High
Tcase Low
Notes
Zone_T1
Tcasemax
10°C
a
a.  Tcase(max) is the maximum specified operating temperature.
Table 47. Tcase Temperature Zone
As noted, variations in relative timing are reported for READ and WRITE paths. Tables 48,49 and 50  below
provide information for READ timings while Tables 51,52 and 53 provide information for WRITE timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com