Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Rev. 1 | Page 45 of 50 | www.onsemi.com
ADM1029
GPIO REGISTERS
Register 04h–GPIOs Supported by Controller (Power-On Default 7Fh)
Bit
Name
R/W
Description
0
GPIO 0 = 1 (Pin 19)
R
This bit set to 1 means the ADM1029 can support GPIO0, available on Pin 19.
1
GPIO 1 = 1 (Pin 20)
R
This bit set to 1 means the ADM1029 can support GPIO1, available on Pin 20.
2
GPIO 2 = 1 (Pin 11)
R
This bit set to 1 means the ADM1029 can support GPIO2, available on Pin 11.
3
GPIO 3 = 1 (Pin 13)
R
This bit set to 1 means the ADM1029 can support GPIO3, available on Pin 13.
4
GPIO 4 = 1 (Pin 14)
R
This bit set to 1 means the ADM1029 can support GPIO4, available on Pin 14.
5
GPIO 5 = 1 (Pin 16)
R
This bit set to 1 means the ADM1029 can support GPIO5, available on Pin 16.
6
GPIO 6 = 1 (Pin 17)
R
This bit set to 1 means the ADM1029 can support GPIO6, available on Pin 17.
7
Reserved
R
Unused. Will read back 0.
Register 05h–GPIO Present/AIN (Power-On Default 0????111)
Bit
Name
R/W
Description
0
GPIO 0 = 1
R/W
Indicates that GPIO0 is being used. Set to 1 on power-up, but can be over-
written by software. Setting this bit to 0 means AIN0 is being used.
1
GPIO 1 = 1
R/W
Indicates that GPIO1 is being used. Set to 1 on power-up, but can be over-
written by software. Setting this bit to 0 means AIN1 is being used.
2
GPIO 2 = 1
R/W
Indicates that GPIO2 is being used. Set to 1 on power-up, but can be over-
written by software.
3
GPIO 3 = ?
R/W
Indicates that GPIO3 is being used. Setting this bit to 0 means TDM1 is
being used. The ADM1029 can detect on power-up if TDM1 is connected. If
so then this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
4
GPIO 4 = ?
R/W
Indicates that GPIO4 is being used. Setting this bit to 0 means TDM1 is
being used. The ADM1029 can detect on power-up if TDM1 is connected. If
so then this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
5
GPIO 5 = ?
R/W
Indicates that GPIO5 is being used. Setting this bit to 0 means TDM2 is
being used. The ADM1029 can detect on power-up if TDM2 is connected. If
so then this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
6
GPIO 6 = ?
R/W
Indicates that GPIO6 is being used. Setting this bit to 0 means TDM2 is
being used. The ADM1029 can detect on power-up if TDM2 is connected. If
so then it is set to 1. The default setting can be overwritten by software.
7
Reserved
R
Unused. Will read back 0.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com