Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Rev. 1 | Page 17 of 50 | www.onsemi.com
ADM1029
or mask (bit clear) the effect of a Fan 2 Fault on Fan 1 and
Fan 2 speed.
Registers 38h to 3Eh are GPIO X Event Mask Registers. Bits 0
and 1 of these registers enable or mask the effect of a GPIO
assertion on Fan 1 and Fan 2 speed.
Note: Registers 48h to 4Ah are Temp. Cooling Action Regis-
ters. Bits 0 and 1 of these registers enable or mask the effect of
Local, Remote 1, and Remote 2 temperature faults on Fan 1
and Fan 2 speed. These registers also determine which tempera-
ture channel controls each fan in automatic fan speed control
mode, as described later.
Registers 58h and 59h are AIN Event Mask Registers. Bits 0
and 1 of these registers enable or mask the effect of an AIN out-
of-limit event on Fan 1 and Fan 2 speed.
MODES OF OPERATION
The ADM1029 has three different modes of operation. These
modes determine the behavior of the system.
1. PWM Duty Cycle Select Mode (directly sets fan speed under
software control).
2. Thermal Trip Mode
3. Automatic Fan Speed Control Mode
PWM DUTY CYCLE SELECT MODE
The ADM1029 may be operated under software control by
clearing bits <1:0> of the three Temp Cooling Action Registers
(Reg 0x48, 0x49, 0x4A). Once under Software Control, each
fan speed may be controlled by programming values of PWM
Duty Cycle in to the device. Values of PWM Duty Cycle between
0% to 100% may be written to the four LSBs of the Fan 1 and
Fan 2 Minimum/Alarm Speed Registers (addresses 60h, 61h).
to control the speed of each fan. Table IV shows the relationship
between hex values written to the Minimum/Alarm Speed Reg-
isters and PWM duty cycle obtained.
Table IV. PWM Duty Cycle Select Mode
Hex Value
PWM Duty Cycle
00
0%
01
7%
02
14%
03
20%
04
27%
05
33% Recommended
06
40%
07
47%
08
53%
09
60%
0A
67%
0B
73%
0C
80%
0D
87%
0E
93%
0F
100% (Default)
It is recommended that the minimum PWM duty cycle be set to
33% (0x05). This has been determined to be the lowest PWM
duty cycle that most fans will run reliably at. Note that the PWM
duty cycle values programmed in to these registers also define
the PWM duty cycle that the fans will turn on at, in Automatic
Fan Speed Control Mode. It is recommended that after power-
up, the PWM duty cycle is set to 33% before enabling Automatic
Fan Speed Control.
THERMAL TRIP MODE
The ADM1029 can thermally trip the fan(s) for simple on/off
fan control, or 2-speed fan control. For example, a fan can be
programmed to run at 33% duty cycle. If the temperature exceeds
the high temperature limit set for that temperature channel, the
fan can automatically trip and run at Alarm Speed. The fan will
continue to run at Alarm Speed even if the temperature error
condition subsides, until the Latch Temp Fault bit (Bit 7 of the
Temp x Fault Action Reg) is cleared in software by writing a 0
to it. To configure Fan 1 normally, run at 33% but to thermally
trip to Alarm Speed for a Remote 2 measured temperature of
70°C, set up the following registers:
1. Configure the normal PWM duty cycle for Fan 1 to 33%.
Fan 1 Minimum/Alarm Speed Reg (0x60) = 0xF5
2. Set the Remote 2 High Temperature Limit = 70°C.
Remote 2 Temp High Limit Reg (0x92) = 0x46
3. Configure Alarm Speed on Overtemperature function for
Remote 2 Temperature channel.
Set Bit 1 of Temp 2 Fault Action Reg (0x42)
4. Enable Fan 1 to be controlled by Remote 2 Temperature.
Set Bit 0 of Temp 2 Cooling Action Reg (0x4A)
Once the fan thermally trips to Alarm Speed, it will continue to
run at Alarm Speed until the temperature drops below the High
Temperature Limit and the Latch Temp Fault bit (Bit 7 of the
Temp 2 Fault Action Reg) is cleared to 0.
EVENT LATCH BITS
Certain events that occur will cause latch bits to be set in vari-
ous registers on the ADM1029. Once a latch bit is set, it will
need to be cleared by software for the system to return to nor-
mal operation. To detect if a latch bit has been set, the INT pin
can be used to signal a latch event to the system supervisor.
Alternatively, the Status Registers can be polled periodically,
and any latch bits that are set can be cleared. The events that
cause latch bits to be set are:
1. Thermal Events. If the fan is run at Alarm Speed on Over-
temperature or Undertemperature, this will set the Latch
Temp Fault bit (Bit 7 of the Temp x Fault Action Registers
0x40–0x42).
2. Missing Fan. If a fan is missing, i.e., has been unplugged, the
Missing Latch bit (Bit 1 of Fan x Status Registers) is set.
3. Hotplugged Fan. If a new fan is inserted into the system, Bit
7 (Hotplug Latch bit) of the Fan x Status Register is set.
4. FAULT Asserted. If the fan becomes stuck and its FAULT
output asserts low, Bit 2 (Fault Latch bit) of the Fan x
Status register is set.
5. TACH Failure. If the fan runs underspeed or becomes stuck,
then Bit 6 (Tach Fault Latch Bit) of the Fan x Status Regis-
ter is set.
*Bits <3:0> set the Minimum PWM duty cycle, bits <7:4> set the Alarm Speed
PWM duty cycle for each fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com