Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Rev. 1 | Page 18 of 50 | www.onsemi.com
AUTOMATIC FAN SPEED CONTROL
The ADM1029 has a local temperature channel and two remote
temperature channels, which may be connected to an on-chip
diode-connected transistor on a CPU or a general-purpose
discrete transistor. These three temperature channels may be
used as the basis for an automatic fan speed control loop to
drive fans using Pulsewidth Modulation (PWM).
HOW DOES THE CONTROL LOOP WORK?
The Automatic Fan Speed Control Loop is shown in Figure 10.
MAX
MIN
TEMPERATURE
TMIN
TMAX = TMIN + TRANGE
SPIN UP FOR 2 SECONDS
Figure 10. Automatic Fan Speed Control
In order for the fan speed control loop to work, certain loop
parameters need to be programmed in to the device:
1. TMIN. This is the temperature at which a fan should switch
on and run at minimum speed. The fan will only turn on
once the temperature being measured rises above the TMIN
value programmed. The fan will spin up for a predeter-
mined time (default = 2 secs). See Fan Spin-Up section
for more details.
2. TRANGE. This will be the temperature range over which the
ADM1029 will automatically adjust fan speed. As the tempera-
ture increases beyond TMIN, the PWM duty cycle will be
increased accordingly. The TRANGE parameter actually defines
the fan speed versus temperature slope of the control loop.
3. TMAX. This is defined as the temperature at which a fan
will be at its maximum speed. At this temperature, the PWM
duty cycle driving the fan will be 100%. TMAX is given by
TMIN + TRANGE. Since this parameter is the sum of the TMIN
and TRANGE parameters, it does not need to be programmed
into a register on-chip.
4. Programmable hysteresis is included in the control loop to
prevent the fans continuously switching on and off if the
temperature is close to TMIN. The fans will continue to run
until such time as the temperature drops below TMIN–THYST.
The four MSBs of the TRANGE/THYST registers (Registers
0x88, 0x89, 0x8A) contain a temperature hysteresis value
that can be programmed from 0001 to 1111. This allows a
temperature hysteresis range from 1°C to 15°C for each
temperature measurement channel.
100
53
66
73
87
33
40
47
60
80
93
TEMPERATURE
– C
TMIN
TMAX = TMIN + TRANGE
0
5
10
20
40
80
60
T R
A
N
G
E
=
80
C
TRANGE = 5 C
Figure 11. PWM Duty Cycle vs. Temperature Slopes
(TRANGE)
Figure 11 shows the different control slopes determined by the
TRANGE value chosen, and programmed in to the ADM1029.
TMIN was set to 0°C to start all slopes from the same point. It
can be seen how changing the TRANGE value affects the PWM
Duty Cycle vs. Temperature Slope.
Figure 12 shows how for a given TRANGE, changing the TMIN
value affects the loop. Increasing the TMIN value will increase
the TMAX (temperature at which the fan runs full speed) value,
since TMAX = TMIN + TRANGE. Note, however, that the PWM
Duty Cycle versus Temperature slope remains exactly the same.
Changing the TMIN value merely shifts the control slope.
TEMPERATURE
– C
TMIN
TMAX = TMIN + TRANGE
0
20
40
80
60
100
53
66
87
40
73
33
47
60
80
93
Figure 12. Effect of Increasing TMIN Value on Control Loop
FAN SPIN-UP
As previously mentioned, once the temperature being measured
exceeds the TMIN value programmed, the fan will turn on at
minimum speed (default = 33% duty cycle). However, the prob-
lem with fans being driven by PWM is that 33% duty cycle is
not enough to reliably start the fan spinning. The solution is to
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com