Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Rev. 1 | Page 48 of 50 | www.onsemi.com
Register 58h, 59h – AINx
* Event Mask (Power-On Default 00h)
Bit
Name
R/W
Description
0
Fan 1 = 0
R/W
If an AINx
* out-of-limit event is generated such that fans should be driven at
Alarm Speed, Fan 1 will be set to this speed when this bit is set.
1
Fan 2 = 0
R/W
If an AINx
* out-of-limit event is generated such that fans should be driven at
Alarm Speed, Fan 2 will be set to this speed when this bit is set.
2
Reserved
R/W
Undefined
3
Reserved
R/W
Undefined
4
Reserved
R/W
Undefined
5
Reserved
R/W
Undefined
6
Reserved
R/W
Undefined
7
Reserved
R/W
Undefined
*“x” denotes the number of the AIN channel. Register 58h is for AIN0 and 59h is for AIN1.
Register A8h, A9h – AINx
* High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
<7:0>
AINx
* High Limit
R/W
This register contains the high limit value for the AINx
* analog input channel.
*“x” denotes the number of the AIN channel. Register A8h is for AIN0 and A9h is for AIN1.
Register B0h, B1h – AINx
* Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
AINx
* Low Limit
R/W
This register contains the low limit value for the AINx
* analog input channel.
*“x” denotes the number of the AIN channel. Register B0h is for AIN0 and B1h is for AIN1.
Register B8h, B9h – AINx
* Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
AINx
* value
R
This register contains the measured value of the AINx
* analog input channel.
*“x” denotes the number of the AIN channel. Register B8h is for AIN0 and B9h is for AIN1.
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com