Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Rev. 1 | Page 23 of 50 | www.onsemi.com
ADM1029
BIT 0 = 1
ASSERT CFAULT ON FAN FAULT (TACH FAILURE OR FAULT ASSERTION)
BIT 1 = 1
ASSERT INT ON FAN FAULT (TACH FAILURE OR FAULT ASSERTION)
BIT 2 = 1
ASSERT CFAULT IF FAN HOT UNPLUGGED
BIT 3 = 1
ASSERT INT IF FAN HOT UNPLUGGED
BIT 4 = 1
THERMAL OVERRIDE IF IN SLEEP MODE (FAN RUNS AT ALARM SPEED)
BIT 5 = 1
DRIVE FAULT LOW IF A FAN FAULT IS DETECTED
BIT 6 = 1
IF CFAULT PULLED LOW EXTERNALLY, RUN FAN AT HOT-PLUG SPEED
BIT 7 = 1
IF CFAULT PULLED LOW EXTERNALLY, RUN FAN AT ALARM SPEED
7
6
5
4
3
2
1
0
CONFIGURE FAN FAULT
MASK REGISTERS
FAN 1 (REG 0x20)
FAN 2 (REG 0x21)
CONFIGURE FAN
ALARM SPEED
FAN 1 (REG 0x60)
FAN 2 (REG 0x61)
DEFAULTS
FAN 1 = 100%
FAN 2 = 100%
CONFIGURE FAN
NORMAL SPEED
FAN 1 (REG 0x60)
FAN 2 (REG 0x61)
SET FAN 1 = 33%
SET FAN 2 = 33%
CONFIGURE FAN
HOT-PLUG SPEED
FAN 1 (REG 0x68)
FAN 2 (REG 0x69)
FAN TACH
FAILURE OR
FAULT PIN
LOW?
CFAULT
YES
YES
FAN RUNS AT ALARM SPEED
HAS A FAN
BEEN HOT
UNPLUGGED?
YES
INT
OVER-
TEMPERATURE
DETECTED IN
SLEEP MODE?
YES
YES
FAN RUNS AT ALARM SPEED
HAS CFAULT BEEN
PULLED LOW?
YES
CONFIGURE FAN FAULT
ACTION
FAN 1 (REG 0x18)
FAN 2 (REG 0x19)
FAN TACH
FAILURE OR
FAULT PIN
LOW?
CFAULT
HAS A FAN
BEEN HOT
UNPLUGGED?
YES
INT
FAN TACH
FAILURE OR
FAULT PIN
LOW?
FAN RUNS AT HOT-PLUG SPEED
YES
FAN FAULT ACTION (CONFIGURE REG 0x18 FOR FAN 1, REG 0x19 FOR FAN 2)
BITS 2 – 7
DON'T CARE
FAN FAULT MASK (CONFIGURE REG 0x20 FOR
FAN 1, REG 0x21 FOR FAN 2)
FAN TACH
FAILURE OR
FAULT PIN
LOW?
FAN TACH
FAILURE OR
FAULT PIN
LOW?
FAN 1 RUNS ALARM SPEED
FAN 2 RUNS ALARM SPEED
YES
YES
DEFAULTS
FAN 1 = 100%
FAN 2 = 100%
HAS CFAULT BEEN
PULLED LOW?
BIT 0 = 1
RUN FAN 1 AT ALARM SPEED
IF FAN FAULT IS DETECTED
BIT 1 = 1
RUN FAN 2 AT ALARM SPEED IF
FAN FAULT IS DETECTED
Figure 16. Fan Configuration Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com