Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 2 Page - ON Semiconductor

  ADM1029ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Rev. 1 | Page 2 of 50 | www.onsemi.com
ADM1029–SPECIFICATIONS1, 2 (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
3.0
3.30
5.5
V
Supply Current, ICC
1.7
3.0
mA
Interface Inactive, ADC Active
1.5
mA
ADC Inactive, DAC Active
10
60
µA
Shutdown Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
± 1
± 3
°C
Resolution
1
°C
External Diode Sensor Accuracy
± 3
± 5
°C
0°C ≤ TA ≤ 100°C
Resolution
1
°C
Remote Sensor Source Current
90
µA
High Level
5.5
µA
Low Level
ANALOG-TO-DIGITAL CONVERTER
Total Unadjusted Error, TUE
± 1
%
Note 3
Differential Nonlinearity, DNL
± 1
LSB
Power Supply Sensitivity
± 1
%/ V
Conversion Time
Analog Input or Internal Temperature
11.6
ms
External Temperature
185.6
ms
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
± 6
%
60°C ≤ TA ≤ 100°C: VCC = 3.3 V
Full-Scale Count
255
FAN 1 and FAN 2 Nominal Input RPM
4
8800
rpm
Divisor = 1, Fan Count = 153
4400
rpm
Divisor = 2, Fan Count = 153
2200
rpm
Divisor = 4, Fan Count = 153
1100
rpm
Divisor = 8, Fan Count = 153
Internal Clock Frequency
56.4
60.0
63.6
kHz
OPEN-DRAIN DIGITAL OUTPUTS (INT, CFAULT)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA, VCC = 3 V
High Level Output Current, IOH
0.1
1
µA
VOUT = VCC
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA, VCC = 3 V
High Level Output Leakage Current, IOH
0.1
1
µA
VOUT = VCC
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS RESET,
GPIO1-6, FAULT1/2, TACH1/2, PRESENT1/2
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
DIGITAL INPUT CURRENT
Input High Current, IIH
–1
µA
VIN = VCC
Input Low Current, IIL
+1
µA
VIN = 0
Input Capacitance, CIN
20
pF
SERIAL BUS TIMING
5
Clock Frequency, fSCLK
10
100
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
4.7
µs
See Figure 1
Start Setup Time, tSU:STA
4.7
µs
See Figure 1
Start Hold Time, tHD:STA
4
µs
See Figure 1
Stop Condition Setup Time, tSU:STO
4
µs
See Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com