Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Rev. 1 | Page 16 of 50 | www.onsemi.com
A fan will only be driven if it is defined as being supported by
the system in register 03h. If Bit 0 of this register is set, it indi-
cates that Fan 1 is installed. This is the power-on default. If
Bit 1 is set, it indicates that Fan 2 is installed. This bit is set by
the state of Pin 18 at power-up. This register is read/write and
the default/power-on setting can be overwritten. If a fan is not
supported in register 03h it will not be driven, even if it is physi-
cally installed.
The PWM outputs are open-drain outputs. They require pull-up
resistors and must be amplified and buffered to drive the fans.
Minimum Speed
The normal operating fan speed is set by the four LSBs of the
Fan 1 and Fan 2 Minimum/Alarm Speed Registers (addresses
60h, 61h). These bits also set the minimum speed at which a fan
will run in automatic control mode. These bits should be set to
05h. This corresponds to 33% PWM duty-cycle, which is the
lowest speed at which most fans will run reliably.
Fan(s) will run at minimum speed if there is no fault condition,
automatic fan speed is disabled, and there are no other over-
riding conditions.
Alarm Speed
Alarm speed is set by the four MSBs of the Fan 1 and Fan 2
Minimum/Alarm Speed Registers (addresses 60h, 61h). Fan(s)
will run at alarm speed if any of the following conditions occurs,
assuming the condition has not been masked out using the Fan
Event Mask Registers:
• Setting Bit 0 of register 07h forces Fan 1 to run at alarm speed
(Set Fan x Alarm Speed Register).
• Setting Bit 1 of register 07h forces Fan 2 to run at alarm speed
(Set Fan x Alarm Speed Register).
If monitoring is disabled by clearing Bit 4 of the Con-
figuration Register, all fans controlled by the ADM1029
will run at alarm speed.
• When a GPIO pin is configured as an input by setting Bit 0 of
the corresponding GPIO Behavior Register, and Bit 4 of the
GPIO Behavior Register is also set, all fans controlled by the
ADM1029 will go to alarm speed when the logic input is
asserted (high or low, depending on the polarity bit, Bit 1 of
the corresponding GPIO Behavior Register).
• If Bit 7 of a Fan Fault Action Register is set (18h—Fan 1, 19h
—Fan 2) the corresponding fan will go to alarm speed when
CFAULT is pulled low by an external source.
• If a tach measurement exceeds the set limit, all fans controlled
by the ADM1029 will run at alarm speed.
• If a fan fault input pin is asserted (low), all fans controlled by
the ADM1029 will run at alarm speed.
• If Bit 1 of a Temp. Fault Action Register is set (40h—Local
Sensor, 41h—Remote 1, 42h—Remote 2), all fans controlled
by the ADM1029 will go to alarm speed if the corresponding
temperature high limit is exceeded.
• If Bit 5 of a Temp. Fault Action Register is set, all fans con-
trolled by the ADM1029 will go to alarm speed if a temperature
input crosses the corresponding temperature low limit, the
direction depending on the setting of Bit 3 of the Temp. Con-
trol register. (0 = alarm when input goes below low limit, 1 =
alarm when input goes above low limit).
• If Bit 1 of an AIN Behavior Register is set (50h—AIN0,
51h—AIN1), all fans controlled by the ADM1029 will go to
alarm speed if the corresponding AIN high limit is exceeded.
• If Bit 5 of an AIN Behavior Register is set, all fans controlled
by the ADM1029 will go to alarm speed if an analog input
crosses the corresponding AIN low limit, the direction depend-
ing on the setting of Bit 3 of the AIN control register. (0 =
alarm when input goes below low limit, 1 = alarm when input
goes above low limit).
• If a thermal override occurs while the ADM1029 is in sleep
mode, all fans controlled by the ADM1029 will run at
alarm speed.
Hot-Plug Speed
Hot-plug speed is set by the four LSBs of the Fan 1 and Fan 2
Configuration Registers (addresses 68h and 69h). The PWM
frequency is set by Bits 4 and 5 of these registers, while Bits 6
and 7 set the number of pulses per revolution for fan speed
measurement.
Fan(s) will run at hot-plug speed if any of the following condi-
tions occur, assuming the condition has not been masked using
the Fan Event Mask Registers:
• If a fan is unplugged, the other fan (if any) controlled by the
ADM1029 will run at hot-plug speed.
• Setting Bit 0 of register 08h forces Fan 1 to run at hot-plug
speed (Set Fan x Hot-Plug Speed).
• Setting Bit 1 of register 08h forces Fan 2 to run at hot-plug
speed (Set Fan x Hot-Plug Speed).
• When a GPIO pin is configured as an input by setting Bit 0 of
the corresponding GPIO Behavior Register, and Bit 5 of the
GPIO Behavior Register is also set, all fans controlled by the
ADM1029 will go to hot-plug speed when the logic input is
asserted (high or low, depending on the polarity bit, Bit 1 of
the corresponding GPIO Behavior Register).
• If Bit 6 of a Fan Fault Action Register is set (18h for Fan 1,
19h for Fan 2) the corresponding fan will go to hot-plug speed
when CFAULT is pulled low by an external source.
Note: If operating conditions and register settings are such that
both alarm speed and hot-plug speed would be triggered, which
one takes priority is determined by Bit 5 of the Fan 1 and Fan 2
Status Registers (addresses 10h and 11h). If this bit is set, hot-plug
speed takes priority. If it is cleared, alarm speed takes priority.
Full Speed
Fans will run at full speed if the corresponding bits in the Set
Fan x Full Speed Register (address 09h) are set: Bit 0 for Fan 1
and Bit 1 for Fan 2.
Fan Mask Registers
The effect of various conditions on fan speed can be enabled or
disabled by mask registers. In all these registers, setting Bit 0 of
the register enables Fan 1 to go to alarm speed or hot-plug speed if
the corresponding event occurs, while setting Bit 1 enables Fan
2. Clearing these bits masks the effect of the corresponding
event on fan speed.
Registers 20h and 21h are Fan Event Mask Registers. Bits 0 and
1 of register 20h enable (bit set) or mask (bit clear) the effect of
a Fan 1 fault (underspeed or fault input) on Fan 1 and Fan 2
speed. Similarly, Bits 0 and 1 of register 21h enable (bit set)
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com