Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1029ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Rev. 1 | Page 3 of 50 | www.onsemi.com
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
5 (continued)
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
4
50
µs
See Figure 1
SCL, SDA Rise Time, tR
1000
ns
See Figure 1
SCL, SDA Fall Time, tF
300
ns
See Figure 1
Data Setup Time, tSU:DAT
250
ns
See Figure 1
Data Hold Time, tHD:DAT
300
ns
See Figure 1
NOTES
1All voltages are measured with respect to GND, unless otherwise specified.
2Typicals are at T
A = 25°C and represent most likely parametric norm. Shutdown current typ is measured with V CC = 3.3 V.
3TUE (Total Unadjusted Error) includes Offset, Gain, and Linearity errors of the ADC, multiplexer.
4The total fan count is based on two pulses per revolution of the fan tachometer output.
5Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on Pins 13–18 . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Voltage on Any Other Input or Output Pin . . . . –0.3 V to +6.5 V
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . . ± 5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . . ± 20 mA
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150°C
Storage Temperature Range . . . . . . . . . . . . –65°C to +150°C
Lead Temperature
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200°C
ESD Rating All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
ADM1029
TOP VIEW
(Not To Scale)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DRIVE1
FAULT1
TACH1
PRESENT1
SCL
SDA
GND
VCC
CFAULT
INT
GPIO2
RESET
DRIVE2
FAULT2
TACH2
PRESENT2
AIN1/GPIO1
AIN0/GPIO0
TMIN/INSTALL
D2+/GPIO6
D2–/GPIO5
ADD
D1+/GPIO4
D2–/GPIO3
THERMAL CHARACTERISTICS
24-Lead QSOP Package:
θJA = 105°C/W, θJC = 39°C/W
P
S
S
P
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tSU;STO
tLOW
tR
tF
tHD;STA
SCL
SDA
tBUF
Figure 1. Diagram for Serial Bus Timing
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com