Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Rev. 1 | Page 6 of 50 | www.onsemi.com
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–1
0
600
12
400
20
300
100
500
1
4
8
16
50
200
FREQUENCY – MHz
VIN = 30mV p-p
VIN = 20mV p-p
VIN = 40mV p-p
TPC 7. Remote Temperature Error vs. Differential-Mode
Noise Frequency
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
SUPPLY VOLTAGE – V
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
TPC 8. Standby Supply Current vs. Supply Voltage
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0
SUPPLY VOLTAGE – V
TPC 9. Supply Current vs. Supply Voltage
10
9
8
7
6
5
4
3
2
1
0
–1
0
1
4
8
12
16
20
50
100 200 300 400 500 600
FREQUENCY – MHz
VIN = 100mV p-p
VIN = 250mV p-p
TPC 10. Local Sensor Temperature Error vs. Power Supply
Noise Frequency
120
110
100
90
80
70
60
50
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
TIME – Seconds
TPC 11. ADM1029 Response to Thermal Shock
TEMPERATURE – C
0.10
0.00
–0.10
–0.20
–0.30
–0.40
–0.50
–0.60
–0.70
–0.80
–0.90
–1.00
–1.10
–1.20
0
20
40
60
80
85
100
105
120
TPC 12. Remote Temperature Error
TPC = Typical Performance Characteristics Figure
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com