Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 41 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
Rev. 1 | Page 41 of 50 | www.onsemi.com
ADM1029
FAN REGISTERS
Register 02h – Fan Supported By Controller (Power-On Default 03h)
Bit
Name
R/W
Description
0
Fan 1 = 1
R
This bit set to 1 means the ADM1029 can support Fan 1.
1
Fan 2 = 1
R
This bit set to 1 means the ADM1029 can support Fan 2.
2
Reserved
R
Unused. Will read back 0.
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
Register 03h – Fans Supported In System (Power-On Default 0000 00?1)
Bit
Name
R/W
Description
0
Fan 1 = 1
R/W
Indicates that Fan 1 is being used. Set to 1 on power-up, but can be overwrit-
ten by software.
1
Fan 2 = ?
R/W
Indicates that Fan 2 is being used. Set by Pin 18 (TMIN/INSTALL) on
power-up, but can be overwritten by software.
2
Reserved
R
Unused. Will read back 0.
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.
Register 07h – Set Fan x Alarm Speed (Power-On Default 00h)
Bit
Name
R/W
Description
0
Fan 1 Alarm Speed = 0
R/W
When set to 1, Fan 1 will run at Alarm Speed.
1
Fan 2 Alarm Speed = 0
R/W
When set to 1, Fan 2 will run at Alarm Speed.
2
Reserved
R
Unused. Will read back 0.
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
Register 08h – Set Fan x Hot-Plug Speed (Power-On Default 00h)
Bit
Name
R/W
Description
0
Fan 1 Hot-Plug Speed = 0
R/W
When set to 1, Fan 1 will run at Hot-Plug Speed.
1
Fan 2 Hot-Plug Speed = 0
R/W
When set to 1, Fan 2 will run at Hot-Plug Speed.
2
0
R
Unused. Will read back 0.
3
0
R
Unused. Will read back 0.
4
0
R
Unused. Will read back 0.
5
0
R
Unused. Will read back 0.
6
0
R
Unused. Will read back 0.
7
0
R
Unused. Will read back 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com