Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Rev. 1 | Page 27 of 50 | www.onsemi.com
ADM1029
GENERAL PURPOSE LOGIC INPUT/OUTPUTS
The ADM1029 has six dual-function pins (see Pin Function
Descriptions section) that may be configured as general-purpose
Logic I/O pins by setting the appropriate bit(s) of the GPIO
Present/AIN Register (address 05h) or as their alternate func-
tions by clearing these bits.
When configured as GPIO pins, each GPIO pin has a Behavior
Register associated with it (Registers 28h to 2Eh) that may be
used to configure the operation of the pin.
The GPIO pins may be configured as inputs or outputs. When
used as inputs, they may be configured to:
• Be active high or active low.
• Set/clear a bit in the Behavior Register when GP input is
asserted/deasserted.
• Latch a bit in the Behavior Register when GP input is asserted
(must be cleared by software).
• Assert CFAULT when GP input asserted.
• Assert INT when GP input asserted.
• Set fan(s) to alarm speed when GP input asserted.
• Set fan(s) to hot-plug speed when GP input asserted.
When used as outputs, they may be configured to:
• Be active high or low
• Be asserted if a High Temperature Limit is exceeded.
• Be asserted if a temperature measurement falls below a
low limit.
• Be asserted if a fan fault is detected.
• Be asserted if a fan tach limit is exceeded.
• Be asserted if an AIN high limit is exceeded.
• Be asserted if an analog input falls below a low limit.
Figure 19 shows how to configure the GPIO pins to handle
different out-of-limit and fault events.
CFAULT OUTPUT
The Cascade Fault output (CFAULT), is an open-drain, active
low output, intended to communicate fault conditions to other
ADM1029s in a system, without the intervention of the host pro-
cessor. The other ADM1029’s may then adjust their fans’ speed
to compensate, depending on the settings of various registers.
CFAULT is asserted if any of the following conditions occurs:
• A hot-plug event.
• Setting Bit 5 of the Configuration Register (address 01h)
forces CFAULT to be asserted.
• When a GPIO pin is configured as an input by setting Bit 0 of
the corresponding GPIO Behavior Register and Bit 2 of the
GPIO Behavior Register is also set, CFAULT will be asserted
when the logic input is asserted (high or low depending on the
polarity bit, Bit 1 of the corresponding GPIO Behavior Register).
• If Bit 0 of a Temp. Fault Action Register is set (40h—Local
Sensor, 41h—Remote 1, 42h—Remote 2), CFAULT will be
asserted if the corresponding temperature high limit is exceeded.
• If Bit 4 of a Temp. Fault Action Register is set, CFAULT will
be asserted if a temperature input crosses the corresponding
temperature low limit, the direction depending on the setting
of Bit 3 of the Temp. Fault Action Register. (0 = CFAULT
when input goes below low limit, 1 = CFAULT when input
goes above low limit).
• If Bit 0 of a Fan Fault Action Register (18h or 19h) is set,
CFAULT will be asserted when a tach measurement for the
corresponding fan exceeds the set limit.
• If Bit 0 of a Fan Fault Action Register (18h or 19h) is set,
CFAULT will be asserted, when the fan fault input pin for
the corresponding fan is asserted (low).
• If Bit 0 of an AIN Behavior Register is set (50h—AIN0,
51h—AIN1), CFAULT will be asserted if the corresponding
AIN high limit is exceeded.
• If Bit 4 of an AIN Behavior Register is set, CFAULT will be
asserted if an analog input crosses the corresponding AIN low
limit, the direction depending on the setting of Bit 3 of the
AIN Behavior Register. (0 = CFAULT when input goes
below low limit, 1 = CFAULT when input goes above low limit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com