Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Rev. 1 | Page 29 of 50 | www.onsemi.com
ADM1029
Table X. Register Map
Address
Name
Default Value
Description
00
Status Register
00h
Contains the status of various fault conditions.
01
Config Register
0000 0000
Configures the operation of the device.
02
Fan Supported By Controller
03h
Contains the number of fans the device can support.
03
Fans Supported In System
0000 00?1
Contains the number of fans actually supported by the device
in the application.
04
GPIOs Supported By Controller
7Fh
Contains the number of GPIO pins the device can support.
05
GPIO Present/AIN
0????111
Used to configure GPIO pins as GPIO or as their alternate
analog input function.
06
Temp Devices Installed
0000 0??1
Contains number of temperature sensors installed.
07
Set Fan x Alarm Speed
00h
Writing to appropriate bit(s) makes fan(s) run at alarm speed.
08
Set Fan x Hot-Plug Speed
00h
Writing to appropriate bit(s) makes fan(s) run at hot-plug speed.
09
Set Fan x Full Speed
00h
Writing to appropriate bit(s) makes fan(s) run at full speed.
0B
S/W RESET
00h
Writing A6h to this register causes a software reset.
0C
Fan Spin-Up
03h
Configures fan spin-up time.
0D
Manufacturer’s ID
41h
This register contains the manufacturer’s ID code for the device.
0E
Major/Minor Revision
00h
Contains the manufacturer’s code for major and minor revi-
sions to the device in two nibbles.
0F
Manufacturer’s Test Register
00h
This register is used by the manufacturer for test purposes. It
should not be read from or written to in normal operation.
10
Fan 1 Status
0000 0?0?
Contains status information for FAN 1.
11
Fan 2 Status
0000 0?0?
Contains status information for FAN 2.
18
Fan 1 Fault Action
BFh
Sets operation of INT, CFAULT, etc., for FAN 1 fault.
19
Fan 2 Fault Action
BFh
Sets operation of INT, CFAULT, etc., for FAN 2 fault.
20
Fan 1 Event Mask
FFh
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to a fault or hot-plug event on FAN 1.
21
Fan 2 Event Mask
FFh
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to a fault or hot-plug event on FAN 2.
28
GPIO0 Behavior
00h
Configures the operation of GPIO0.
29
GPIO1 Behavior
00h
Configures the operation of GPIO1.
2A
GPIO2 Behavior
00h
Configures the operation of GPIO2.
2B
GPIO3 Behavior
00h
Configures the operation of GPIO3.
2C
GPIO4 Behavior
00h
Configures the operation of GPIO4.
2D
GPIO5 Behavior
00h
Configures the operation of GPIO5.
2E
GPIO6 Behavior
00h
Configures the operation of GPIO6.
30
Local Temperature Offset
00h
Offset register for local temperature measurement. The value
in this register is added to the local temperature value to reduce
system offset effects.
31
Remote 1 Temperature Offset
00h
Offset register for first remote temperature channel (D1). The
value in this register is added to the temperature value to reduce
system offset effects.
32
Remote 2 Temperature Offset
00h
Offset register for second remote temperature channel (D2).
The value in this register is added to the temperature value to
reduce system offset effects.
38
GPIO0 Event Mask
00h
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to GPIO0 being asserted.
39
GPIO1 Event Mask
00h
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to GPIO1 being asserted.
3A
GPIO2 Event Mask
00h
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to GPIO2 being asserted.
3B
GPIO3 Event Mask
00h
Enables/disables FAN 1 and/or FAN 2 alarm/hot-plug speed
in response to GPIO3 being asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com