Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Rev. 1 | Page 14 of 50 | www.onsemi.com
If two fans are installed, Bit 0 would be 1 by default and Pin
18 would be tied high
* to set Bit 1. If only one fan is installed, it
would normally be Fan 1 and Pin 18 would be tied low
* to
clear Bit 1. However, both of these bits can be modified by
writing to the register, so it is possible to have Fan 2 installed
and not Fan 1, or even have no fans installed.
*Note that Pin 18 also sets TMIN for automatic fan speed control. If this function
is used, Pin 18 would be set to some other level according to Table VIII.
FAULT INPUTS/OUTPUTS
The ADM1029 can be used with fans that have a fault output
which indicates if the fan has stalled or failed. If one or both of
the FAULT inputs (Pin 2 or Pin 23) goes low, both INT and
CFAULT will be asserted.
Events on the fault inputs are also reflected in Bits 2 and 3 of the
corresponding Fan Status Registers at addresses 10h and 11h.
Bit 2 reflects the inverse state of the FAULT pin (0 if FAULT is
high, 1 if FAULT is low), while Bit 3 is latched high if a FAULT
input goes low. It must be cleared by writing a zero to it.
If the fan(s) being used do not have a FAULT output, the FAULT
input(s) on the ADM1029 should be pulled high to VCC.
The FAULT pins can also be configured as open-drain outputs
by setting Bit 5 of the corresponding Fan Fault Action Register
(18h or 19h). If a FAULT pin is configured as an output, it will
still function as an input. This means that when a fault input
occurs it will be latched low by the fault output, even if the fault
input is removed. The fault output can be used to drive a fan
failure indicator such as an LED.
If the FAULT pin is used as an output, any input to the FAULT
pin should also be open-drain. This will avoid the fault input
trying to source a high current into the FAULT pin if the fault
input goes high while the fault output is low.
FAN PRESENT INPUTS
The fan PRESENT signal is implemented by a shorting link
to ground in the fan connector. When the fan is plugged in,
the corresponding PRESENT input (Pin 4 or Pin 21) on the
ADM1029 is pulled low. If the fan is unplugged, the PRESENT
input will be pulled high. INT and CFAULT will be asserted
(unless masked) and the event will be reflected in Bits 0 and
Bit 1 of the corresponding Fan Status Register.
Appearance or disappearance of a PRESENT input signal dur-
ing normal operation signals to the ADM1029 that a fan has
been hot-plugged or unplugged. INT and CFAULT will be
asserted (unless masked). When a fan is hot-plugged, Bit 7 of
the corresponding Fan Status Register will be set and a Fan
Free Wheel Test commences automatically.
FAN SPEED MEASUREMENT
The fan counter does not count the fan tach output pulses
directly, because at low fan speeds it would take several seconds
to accumulate a reasonably large and accurate count. Instead,
the period of the fan revolution is measured by gating an on-
chip oscillator into the input of an 8-bit counter.
The fan speed measuring circuit is initialized on the first rising
edge of a fan tach pulse after monitoring is enabled by setting
Bit 4 of the Configuration Register. It then starts counting on
the rising edge of the second tach pulse and counts for four fan
tach periods, until the rising edge of the sixth tach pulse, or
until the counter overranges if the fan tach period is too long.
After the speed of the first fan has been measured, the speed of
the second fan (if installed) will be measured in the same way.
The measurement cycle will repeat until monitoring is disabled.
The fan speed measurements are stored in the Fan Tach Value
registers at addresses 70h and 71h.
If both fans are installed, Fan 1 will be measured first. If only
one fan is installed, the ADM1029 will still try to measure
both fans, starting with Fan 1, but the measurement on the
noninstalled fan will time out when the Fan Tach Value count
overranges.
The fan speed count is given by:
Count = f
4
60/R/N
where:
f is oscillator frequency in Hz
factor 4 is because 4 tach periods are counted
factor 60 is to convert minutes to seconds
R = fan speed in RPM
N is number of tach pulses per revolution
The frequency of the oscillator can be adjusted to suit the expected
frequency range of the fan tach pulses, which depends on the
fan speed and the number of tach pulses produced for each
revolution of the fan, which is either 1, 2, or 4. The oscillator
frequency is set by Bits 7 and 6 of the Fan Configuration Regis-
ters (68h for Fan 1 and 69h for Fan 2).
Table III. Oscillator Frequencies
Bit 7
Bit 6
Oscillator Frequency (Hz)
0
0
Measurement Disabled
0
1
470
1
0
940
1
1
1880
CLOCK
CONFIG
REG. BIT 4
FAN 1
TACH
FAN 1
MEASUREMENT
PERIOD
FAN 2
MEASUREMENT
PERIOD
START OF
MONITORING
CYCLE
FAN 2
TACH
Figure 8. Fan Speed Measurement
FAN SPEED LIMITS
Fans generally do not overspeed if run from the correct voltage,
so the failure condition of interest is under-speed due to electri-
cal or mechanical failure. For this reason only low-speed limits
are programmed into the Tach Limit Registers for the fans.
These registers are at address 78h for Fan 1 and 79h for Fan
2. It should be noted that, since fan period rather than speed is
being measured, the fan speed count will be larger the slower
the fan speed. Therefore a fan failure fault will occur when the
measurement exceeds the limit value.
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com