Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 38 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Rev. 1 | Page 38 of 50 | www.onsemi.com
Register 48h, 49h, 4Ah – Temp x
* Cooling Action (Power-On Default 00h)
Bit
Name
R/W
Description
0
Fan 1 = 0
R/W
If a Temp x
* out-of-limit event is generated such that fans should be driven at
Alarm Speed, Fan 1 will be set to this speed when this bit is set. If no Temp x
*
out-of-limit event is present, Fan 1 will be set to the speed determined by the
automatic fan speed control circuit as a result of temperature measurements on
the Temp x
* channel when this bit is set. If this bit is not set, Temp x* tem-
perature measurements will have no effect on the speed of Fan 1.
1
Fan 2 = 0
R/W
If a Temp x
* out-of-limit event is generated such that fans should be driven
at Alarm Speed, Fan 2 will be set to this speed when this bit is set. If no Temp
x
* out-of-limit event is present, Fan 2 will be set to the speed determined by
the automatic fan speed control circuit as a result of temperature measure-
ments on the Temp x
* channel when this bit is set. If this bit is not set,
Temp x temperature measurements have no effect on the speed of Fan 2.
While in theory it is possible, through setting of Bits 0 and 1 in registers 48h
to 4Ah, to have any temperature channel controlling any fan, in practice this
is not feasible. A subset of possibilities only are supported as follows:
Case 1:
TDM1 controlling Fan 1
(Bit 0 in 49h set and/or
TDM2 controlling Fan 2
Bit 1 in 4Ah set, only)
Case 2:
Local controlling Fan 1 and/or Fan 2
(Bits 0, 1 in 48h only set)
Case 3:
TDM1 controlling Fan 1 and/or Fan 2 (Bits 0, 1 in 49h only set)
Case 4:
TDM2 controlling Fan 1 and/or Fan 2 (Bits 0, 1 in 4Ah only set)
Case 5:
Fan 1 and/or Fan 2 set to max speed
(Bits 0, 1 in 48h, 49h,
(Default)
determined by temperature
4Ah all set)
measurements on all three channels.
Other:
If Bits 0,1 in registers 48h, 49h, 4Ah are
set inconsistent with these cases, fans
will run at the speeds determined by
the normal speed registers.
2
Reserved
R
Unused. Will read back 0.
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
*“x” denotes the number of the temperature channel. Register 48h is for the Local temperature channel. 49h is for Remote 1 Temp (D1), 4Ah is for Remote 2
Temp (D2).
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com