Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 28 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Rev. 1 | Page 28 of 50 | www.onsemi.com
BIT 0 = 1
RUN FAN 1 AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED
BIT 1 = 1
RUN FAN 2 AT ALARM OR HOT-PLUG SPEED IF GPIO PIN IS ASSERTED
BITS 2 – 7
RESERVED – READ BACK ZERO
BIT 0 = 1
PIN 19 CONFIGURED AS GPIO0
BIT 1 = 1
PIN 20 CONFIGURED AS GPIO1
BIT 2 = 1
PIN 11 CONFIGURED AS GPIO2
BIT 3 = 1
PIN 13 CONFIGURED AS GPIO3
BIT 4 = 1
PIN 14 CONFIGURED AS GPIO4
BIT 5 = 1
PIN 16 CONFIGURED AS GPIO5
BIT 6 = 1
PIN 17 CONFIGURED AS GPIO6
BIT 7
RESERVED
ENABLE PINS FOR GPIO
FUNCTION
(REGISTER 0x05)
CONFIGURE GPIO PINS
BEHAVIOR
GPIO0 (REG 0x28)
|
GPIO6 (REG 0x2E)
CONFIGURE GPIO EVENT
MASK
GPIO0 (REG 0x38)
|
GPIO6 (REG 0x3E)
FAN 1 RUNS AT HOT-PLUG
OR ALARM SPEED
GPIO PINS ENABLE (REG 0x05)
GPIO EVENT MASK (CONFIGURE REG 0x38 FOR GPIO0, REG 0x39 FOR
GPIO1.....REG 0x3E FOR GPIO6)
IS GPIO
PIN ASSERTED?
YES
BIT 0
SETS THE DIRECTION FOR GPIO PIN. A '0' CONFIGURES THE PIN AS AN OUTPUT, A '1' SETS
THE PIN UP AS AN INPUT
BIT 1
SETS THE POLARITY FOR GPIO PIN. A '0' MAKES THE PIN ACTIVE LOW, A '1' MAKES THE PIN
ACTIVE HIGH
BIT 2 = 1
IF GPIO PIN IS CONFIGURED AS AN INPUT, CFAULT IS ASSERTED WHEN GPIO IS ASSERTED.
IF GPIO PIN IS CONFIGURED AS AN OUTPUT, GPIO PIN WILL BE ASSERTED IF A HIGH
TEMPERATURE LIMIT IS EXCEEDED. THIS CAN BE USED TO SHUT DOWN THE SYSTEM IN AN
OVER-TEMPERATURE SITUATION.
BIT 3 = 1
IF GPIO PIN IS CONFIGURED AS AN INPUT, INT IS ASSERTED WHEN GPIO IS ASSERTED. IF GPIO
PIN IS AN OUTPUT, GPIO IS ASSERTED IF A TEMPERATURE LOW LIMIT IS EXCEEDED.
BIT 4 = 1
IF GPIO PIN IS CONFIGURED AS AN INPUT, FANS GO TO ALARM SPEED IF GPIO IS ASSERTED. IF
GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF A FAN TACH LIMIT IS EXCEEDED.
BIT 5 = 1
IF GPIO PIN IS CONFIGURED AS AN INPUT, FANS GO TO HOT-PLUG SPEED IF GPIO IS ASSERTED.
IF GPIO PIN IS AN OUTPUT, GPIO IS ASSERTED IF A FAN FAULT IS DETECTED (FAULT PIN).
BIT 6 = 1
IF GPIO PIN IS AN INPUT, THIS BIT REFLECTS THE STATE OF GPIO PIN. IF GPIO PIN IS AN
OUTPUT, GPIO IS ASSERTED IF AN AIN HIGH LIMIT IS EXCEEDED.
BIT 7
IF GPIO PIN IS AN INPUT, THIS BIT LATCHES A GPIO ASSERTION EVENT. CLEARED BY
WRITING A '0.' IF GPIO PIN IS AN INPUT, GPIO IS ASSERTED IF AN AIN LOW LIMIT IS EXCEEDED.
GPIO PINS BEHAVIOR (REG 0x28 CONFIGURES GPIO0, REG 0x29 CONFIGURES GPIO1, ETC.)
IS GPIO
PIN ASSERTED?
YES
FAN 2 RUNS AT HOT-PLUG
OR ALARM SPEED
Figure 19. Configuring GPIO Pins
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com