Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 31 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Rev. 1 | Page 31 of 50 | www.onsemi.com
ADM1029
Table X. Register Map (Continued)
Address
Name
Default Value
Description
8A
Remote 2 Temp TRANGE/THYST
51h
This register programs the control range for the Remote 2
temperature control loop. It also defines the amount of tem-
perature hysteresis applied to the loop.
90
Local Temp High Limit
50h (80°C)
High limit for Local measurement (internal sensor).
91
Remote 1 Temp High Limit
64h (100°C)
High limit for Remote 1 measurement (D1 Sensor).
92
Remote 2 Temp High Limit
64h (100°C)
High limit for Remote 2 measurement (D2 Sensor).
98
Local Temp Low Limit
3Ch (60°C)
Low limit for Local Temp measurement (internal sensor).
99
Remote 1 Temp Low Limit
46h (70°C)
Low limit for Remote 1 measurement (D1 Sensor).
9A
Remote 2 Temp Low Limit
46h (70°C)
Low limit for Remote 2 measurement (D2 Sensor).
A0
Local Temp Value
00h
Measured value from local temp sensor.
A1
Remote 1 Temp Value
00h
Measured value from D1 Remote Sensor.
A2
Remote 2 Temp Value
00h
Measured value from D2 Remote Sensor.
A8
AIN0 High Limit
FFh
High limit for measurement on analog Channel 0.
A9
AIN1 High Limit
FFh
High limit for measurement on analog Channel 1.
B0
AIN0 Low Limit
00h
Low limit for measurement on analog Channel 0.
B1
AIN1 Low Limit
00h
Low limit for measurement on analog Channel 1.
B8
AIN0 Measured Value
00h
Measured value of analog Channel 0.
B9
AIN1 Measured Value
00h
Measured value of analog Channel 1.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com