Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Rev. 1 | Page 25 of 50 | www.onsemi.com
ADM1029
RESET INPUT
Pin 12 is an active-low system RESET input. Taking this pin
low will generate a system reset, which will reset all registers to
their default values.
ANALOG INPUTS
Pins 19 and 20 of the ADM1029 are dual-function pins. They
may be configured as general-purpose logic I/O pins by setting
Bits 0, 1 of the GPIO Present/AIN Register (address 05h) or
as 0 V to 2.5 V analog inputs by clearing these bits.
In the analog input mode, Pins 19 and 20 have an input range
of 0 V to 2.5 V. By suitable input scaling, the analog input may
be configured to measure other voltage ranges such as system
power supply voltages. If more than one ADM1029 is used in a
system, several such voltages may be monitored.
The measured values of AIN0 and AIN 1 are stored in the
AIN0 and AIN1 Value Registers (addresses B8h and B9h) and
are compared to high and low limits stored in the AIN0 and
AIN1 High and Low Limit Registers (addresses A8h, A9h and
B0h, B1h).
The response of the ADM1029 to an out-of-limit measurement
on AIN0 or AIN1 depends on the status of the AIN0 and AIN1
Behavior Registers (Registers 50h, 51h). The response of
CFAULT, INT, and fan speed to temperature events depends
on the setting of these registers, as detailed in the register tables
later in this data sheet. Figure 18 shows how the AIN pins can
be configured to respond to different events.
ANALOG MONITORING CYCLE
The ADM1029 performs a sequential “round-robin,” monitor-
ing cycle on all analog inputs and temperature inputs that are
enabled. A conversion on AIN0 or AIN1 typically takes 11.6 ms,
while an external temperature conversion takes 185.6 ms.
INTERRUPT (INT) OUTPUT
The INT output is an open-drain output with selectable polar-
ity, intended to communicate fault conditions to the host
processor. The polarity is set to active low by clearing Bit 7 of
the Configuration Register (address 01h) or to active high by
setting this bit.
INT can be asserted if any of the following conditions occur:
• A hot-plug event.
• Setting Bit 6 of the Configuration Register (address 01h)
forces INT to be asserted.
• When a GPIO pin is configured as an input by setting Bit 0 of
the corresponding GPIO Behavior Register and Bit 3 of the
GPIO Behavior Register is also set, INT will be asserted when
the logic input is asserted (high or low, depending on the polar-
ity bit, Bit 1 of the corresponding GPIO Behavior Register).
• If Bit 2 of a Temp. Fault Action Register is set (40h—Local
Sensor, 41h—Remote 1, 42h—Remote 2), INT will be asserted
if the corresponding temperature high limit is exceeded.
• If Bit 6 of a Temp. Fault Action Register is set, INT will be
asserted if a temperature input crosses the corresponding
temperature low limit, the direction depending on the setting
of Bit 3 of the Temp. Fault Action register. (0 = INT when
temperature goes below low limit, 1 = INT when temperature
goes above low limit).
• If Bit 1 of a Fan Fault Action Register (18h or 19h) is set,
INT will be asserted when a tach measurement for the corre-
sponding fan exceeds the set limit .
• If Bit 1 of a Fan Fault Action Register (18h or 19h) is set,
INT will be asserted when the fan fault input pin for the cor-
responding fan is asserted (low).
• If Bit 2 of an AIN Behavior Register is set (50h—AIN0, 51h—
AIN1), INT will be asserted if the corresponding AIN high
limit is exceeded.
• If Bit 6 of an AIN Behavior Register is set, INT will be asserted
if the corresponding analog input crosses its AIN low limit,
the direction depending on the setting of Bit 3 of the AIN
Behavior register. (0 = INT when input goes below low limit,
1 = INT when input goes above low limit).
FAN FREE-WHEELING TEST
The Fan Free Wheeling Test is used to diagnose fans connected
to the ADM1029 to ensure that they are operating correctly.
Large fans tightly coupled in a duct can affect each other’s air-
flow. If one fan has failed it may not be apparent, as the other
fan moving can suck air through the faulty fan causing it to spin.
The ADM1029 will spin each fan up separately with the other
powered down and measure the fan speed of both. When it tries
to spin the failed fan with the working fan off, the fan speed
measurement will fail, and the faulty fan will be detected. The
Fan Free-Wheel Test can be invoked at any time in software by
setting Bit 3 of the Configuration Register (Reg. 0x01). The Fan
Free-Wheel Test normally takes about 10 seconds. Once the
Fan Free-Wheel test has completed, Bit 3 will automatically
clear to 0.
Automatic Fan Free-Wheel Test
Whenever a fan is hot-plugged, the Fan Free-Wheel Test is
automatically invoked. Bit 3 gets set high automatically and once
the test has completed, self-clears to 0. If 2 fans are installed in
the system, the Fan Free-Wheel Test is invoked by removing the
suspect fan and hotplugging a new one. When the suspect fan
(e.g., Fan 1) is removed, the Missing bit (Bit 0) and Missing
Latch bit (Bit 1) of the Fan 1 Status Register are set. Fan 2 will
then automatically run at HotPlug Speed. If the faulty fan is
replaced, the HotPlug Latch bit (Bit 7) is set and the Missing
bit (Bit 0) self-clears. (However, the Missing Latch bit remains
set.) Fan 2 will return to its previous value automatically and
the Fan Free-Wheel Test is invoked. Fan 1 is run at 100% while
Fan 2 is turned off. Fan 2 is then run at 100% with Fan 1 turned
off. Both fans are then spun-up for the Fan Spin-up time. Note
that the Hotplug Latch bit and Missing Latch bit remains set
(Bits 7 and 1). These need to be cleared to 0 before a subse-
quent Fan Free-Wheel Test can occur. Otherwise, subsequent
fan removals and insertions are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com