Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Rev. 1 | Page 11 of 50 | www.onsemi.com
ADM1029
D+
D
–
REMOTE
SENSING
TRANSISTOR
LOW-PASS FILTER
f
C = 65kHz
VDD
TO ADC
VOUT+
VOUT–
I
N
I
IBIAS
BIAS
DIODE
Figure 5. Signal Conditioning for Remote Diode Temperature Sensors
TEMPERATURE LIMITS
The contents of the Local and Remote Temperature Value Regis-
ters (addresses A0h to A2h) are compared to the contents of the
High and Low Limit Registers at addresses 90h to 92h and 98h
to 9Ah. How the ADM1029 responds to overtemperature/
undertemperature conditions depends on the status of the Tem-
perature Fault Action Registers (addresses 40h to 42h). The
response of CFAULT, INT, and fan-speed-to-temperature events
depends on the setting of these registers, as explained later.
Table II. Temperature Data Format
Temperature
Digital Output
–128°C
1000 0000
–125°C
1000 0011
–100°C
1001 1100
–75°C
1011 0101
–50°C
1100 1110
–25°C
1110 0111
0°C
0000 0000
+10°C
0000 1010
+25°C
0001 1001
+50°C
0011 0010
+75°C
0100 1011
+100°C
0110 0100
+125°C
0111 1101
+127°C
0111 1111
To prevent ground noise interfering with the measurement, the
more negative terminal of the sensor is not referenced to ground,
but biased above ground by an internal diode at the D– input. If
the sensor is used in a noisy environment, a capacitor of value
up to 1000 pF may be placed between the D+/D– pins.
To measure ∆VBE, the sensor is switched between operating currents
of I and N × I. The resulting waveform is passed through a 65 kHz
low-pass filter to remove noise, and to a chopper-stabilized amplifier
that performs the functions of amplification and rectification of
the waveform to produce a dc voltage proportional to ∆VBE. This
voltage is measured by the ADC to give a temperature output in
8-bit two’s complement format. To further reduce the effects of
noise, digital filtering is performed by averaging the results of 16
measurement cycles. An external temperature measurement takes
nominally 9.6 ms.
The results of external temperature measurements are stored in
8-bit, two’s complement format, as illustrated in Table II.
OFFSET REGISTERS
Digital noise and other error sources can cause offset errors in
the temperature measurement, particularly on the remote sen-
sors. The ADM1029 offers a way to minimize these effects. The
offsets on the three temperature channels can be measured during
system characterization and stored as two’s complement values
in three offset registers at addresses 30h to 32h. The offset
values are automatically added to, or subtracted from, the tem-
perature values, depending on whether the two’s complement
number corresponds to a positive or negative offset. Offset val-
ues from –15°C to +15°C are allowed.
The default value in the offset registers is zero, so if no offsets
are programmed, the temperature measurements are unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com