Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Rev. 1 | Page 21 of 50 | www.onsemi.com
ADM1029
MEASURE
FAN SPEED
FAN 1 (REG 0x70)
FAN 2 (REG 0x71)
PROGRAM FAN
MINIMUM DUTY CYCLE
FAN 1 (REG 0x60)
FAN 2 (REG 0x61)
CONFIGURE TEMP
COOLING ACTION
LOCAL TEMP (REG 0x48)
REMOTE 1 TEMP (REG 0x49)
REMOTE 2 TEMP (REG 0x4A)
PROGRAM FAN START
TEMPERATURE, TMIN
LOCAL TEMP (REG 0x80)
REMOTE 1 TEMP (REG 0x81)
REMOTE 2 TEMP (REG 0x82)
PROGRAM TEMP-TO-FAN
SPEED CONTROL SLOPE,
TRANGE
LOCAL TEMP (REG 0x88)
REMOTE 1 TEMP (REG 0x89)
REMOTE 2 TEMP (REG 0x8A)
CONFIGURE CONTROL
LOOP HYSTERESIS
LOCAL TEMP (REG 0x88)
REMOTE 1 TEMP (REG 0x89)
REMOTE 2 TEMP (REG 0x8A)
CONFIGURE FAN
SPIN-UP TIME
(REGISTER 0x0C)
CONFIGURE PWM DRIVE
FREQUENCY
FAN 1 (REG 0x68)
FAN 2 (REG 0x69)
CONFIGURE TACH
OSCILLATOR FREQUENCY
FAN 1 (REG 0x68)
FAN 2 (REG 0x69)
TEMP COOLING ACTION (CONFIGURE REG 0x48 FOR LOCAL
TEMP, REG 0x49 FOR REMOTE 1 TEMP AND REG 0x4A FOR
REMOTE 2 TEMP)
OPTION 1
OPTION 2
OPTION 3
OPTION 4
OPTION 5
ADM1029
REMOTE 1
TEMPERATURE
REMOTE 2
TEMPERATURE
FAN 1
FAN 2
OPTION 1
ADM1029
LOCAL TEMP
FAN 1
FAN 2
OPTION 2
ADM1029
REMOTE 1
TEMPERATURE
FAN 1
FAN 2
OPTION 3
REMOTE 2
TEMPERATURE
REMOTE 2
TEMPERATURE
ADM1029
REMOTE 1
TEMPERATURE
FAN 1
FAN 2
OPTION 4
REMOTE 1
TEMPERATURE
REMOTE 2
TEMPERATURE
FAN 1
FAN 2
OPTION 5
ADM1029
LOCAL TEMP
BIT 0 (REG 0x49) AND/OR BIT 1 (REG 0x4A) = 1
REMOTE 1 TEMP CONTROLS FAN 1
REMOTE 2 TEMP CONTROLS FAN 2
BIT 0 (REG 0x48) AND BIT 1 (REG 0x48) = 1
LOCAL TEMP CONTROLS FAN 1 AND/OR FAN 2
BIT 0 (REG 0x49) AND BIT 1 (REG 0x49) = 1
REMOTE 1 TEMP CONTROLS FAN 1 AND/OR FAN 2
BIT 0, 1 (REG 0x48, 0x49, 0x4A) = 1
FAN 1 AND/OR FAN 2 RUNS AT FASTEST SPEED
CALCULATED BY ALL TEMPERATURE CHANNELS
BIT 0 (REG 0x4A) AND BIT 1 (REG 0x4A) = 1
REMOTE 2 TEMP CONTROLS FAN 1 AND/OR FAN 2
Figure 15. Configuring Automatic Fan Speed Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com