Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 35 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Rev. 1 | Page 35 of 50 | www.onsemi.com
ADM1029
Register 04h – GPIOs Supported By Controller (Power-On Default 7Fh)
Bit
Name
R/W
Description
0
GPIO 0 = 1 (Pin 19)
R
This bit set to 1 means the ADM1029 can support GPIO0, available on
Pin 19.
1
GPIO 1 = 1 (Pin 20)
R
This bit set to 1 means the ADM1029 can support GPIO1, available on
Pin 20.
2
GPIO 2 = 1 (Pin 11)
R
This bit set to 1 means the ADM1029 can support GPIO2, available on
Pin 11.
3
GPIO 3 = 1 (Pin 13)
R
This bit set to 1 means the ADM1029 can support GPIO3, available on
Pin 13.
4
GPIO 4 = 1 (Pin 14)
R
This bit set to 1 means the ADM1029 can support GPIO4, available on
Pin 14.
5
GPIO 5 = 1 (Pin 16)
R
This bit set to 1 means the ADM1029 can support GPIO5, available on
Pin 16.
6
GPIO 6 = 1 (Pin 17)
R
This bit set to 1 means the ADM1029 can support GPIO6, available on
Pin 17.
7
Reserved
R
Unused. Will read back 0.
Register 06h – Temp Devices Installed (Power-On Default 0000 0??1)
Bit
Name
R/W
Description
0
Local Temp = 1
R
This bit is permanently set to 1 since the local temperature sensor is
always available.
1
Remote 1 Temp = ?
R
This bit is set to 1 if the Remote 1 temperature sensor (TDM1) is installed.
(Automatically detected on power-up.)
2
Remote 2 Temp = ?
R
This bit is set to 1 if the Remote 2 temperature sensor (TDM2) is installed.
(Automatically detected on power-up.)
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com