Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Rev. 1 | Page 13 of 50 | www.onsemi.com
ADM1029
AUTOMATIC FAN SPEED CONTROL (SEE TABLE X LATER)
BIT 0 = 1
FAN 1 RUNS AT ALARM SPEED FOR OUT-OF-LIMIT TEMPERATURE EVENTS;
OTHERWISE, FAN 1 RUNS AT SPEED DETERMINED BY AUTOMATIC FAN
CONTROL.
BIT 1 = 1
FAN 2 RUNS AT ALARM SPEED FOR OUT-OF-LIMIT TEMPERATURE EVENTS;
OTHERWISE, FAN 2 RUNS AT SPEED DETERMINED BY AUTOMATIC FAN
CONTROL.
X
X
X
X
X
X
1
0
BIT 0 = 1
ASSERT CFAULT ON OVER-TEMPERATURE
BIT 1 = 1
RUN FAN(S) ALARM SPEED ON OVER-TEMPERATURE
BIT 2 = 1
ASSERT INT ON OVER-TEMPERATURE
BIT 3 = 0
ALARM BELOW LOW TEMP LIMIT
BIT 3 = 1
ALARM ABOVE LOW TEMP LIMIT
BIT 4 = 1
ASSERT CFAULT WHEN LOW TEMP LIMIT CROSSED
BIT 5 = 1
RUN FAN ALARM SPEED ON UNDER-TEMPERATURE
BIT 6 = 1
ASSERT INT ON UNDER-TEMPERATURE
BIT 7
LATCHES A TEMPERATURE OUT-OF-LIMIT EVENT
7
6
5
4
3
2
1
0
MEASURE
TEMPERATURE
LOCAL (REG 0xA0)
REMOTE 1 (REG 0xA1)
REMOTE 2 (REG 0xA2)
CONFIGURE
TEMPERATURE HIGH
LIMITS
LOCAL (REG 0x90)
REMOTE 1 (REG 0x91)
REMOTE 2 (REG 0x92)
DEFAULTS
LOCAL = 80 C
REMOTE 1 = 100 C
REMOTE 2 = 100 C
CONFIGURE
TEMPERATURE LOW
LIMITS
LOCAL (REG 0x98)
REMOTE 1 (REG 0x99)
REMOTE 2 (REG 0x9A)
DEFAULTS
LOCAL = 60 C
REMOTE 1 = 70 C
REMOTE 2 = 70 C
CONFIGURE
TEMPERATURE OFFSETS
LOCAL (REG 0x30)
REMOTE 1 (REG 0x31)
REMOTE 2 (REG 0x32)
DEFAULTS
LOCAL = 0 C
REMOTE 1 = 0 C
REMOTE 2 = 0 C
CONFIGURE
TEMPERATURE COOLING
ACTION
LOCAL (REG 0x48)
REMOTE 1 (REG 0x49)
REMOTE 2 (REG 0x4A)
CONFIGURE
TEMPERATURE FAULT
ACTION
LOCAL (REG 0x40)
REMOTE 1 (REG 0x41)
REMOTE 2 (REG 0x42)
IS
TEMPERATURE
>
HIGH LIMIT?
CFAULT
YES
IS
TEMPERATURE
>
HIGH LIMIT?
YES
FANS RUN
ALARM SPEED
IS
TEMPERATURE
>
HIGH LIMIT?
YES
INT
ALARM ABOVE OR
BELOW LOW TEMP
LIMIT?
0 = ALARM BELOW TEMP LIMIT
1 = ALARM ABOVE TEMP LIMIT
LOW TEMP LIMIT
CROSSED?
CFAULT
YES
LOW TEMP LIMIT
CROSSED?
YES
FANS RUN ALARM SPEED
LOW TEMP LIMIT
CROSSED?
YES
INT
Figure 7. Temperature Sensing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com