Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Rev. 1 | Page 40 of 50 | www.onsemi.com
Register 90h, 91h, 92h – Temp x
* High Limit (Power-On Default 80 C for Local Sensor, 100 C for Remote Sensors)
Bit
Name
R/W
Description
<7:0>
Temp x
* High Limit
R/W
This register contains the high limit value for the Temp x
* measurement.
*“x” denotes the number of the temperature channel. Register 90h is for the Local temperature channel. 91h is for Remote 1 Temp (D1), 92h is for Remote 2
Temp (D2).
Register 98h, 99h, 9Ah – Temp x
* Low Limit (Power-On Default 60 C for Local Sensor, 70 C for Remote Sensors)
Bit
Name
R/W
Description
<7:0>
Temp x
* Low Limit
R/W
This register contains the low limit value for the Temp x
* measurement.
*“x” denotes the number of the temperature channel. Register 98h is for the Local temperature channel. 99h is for Remote 1 Temp (D1), 9Ah is for Remote 2
Temp (D2).
Register A0h, A1h, A2h – Temp x
* Measured Value (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
Temp x
* Value
R
This register contains the actual Temp x
* measured value.
*“x” denotes the number of the temperature channel. Register A0h is for the Local temperature channel. A1h is for Remote 1 Temp (D1), A2h is for Remote 2
Temp (D2).
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com