Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Rev. 1 | Page 32 of 50 | www.onsemi.com
CONFIGURATION REGISTERS
Register 01h — Config Register (Power-On Default 000? 000?)
Bit
Name
R/W
Description
0
Install = ?
R/W
This bit reflects Bit 1 of Register 0x03 (Fans Supported In System).
1
Global INT mask = 0
R/W
Setting this bit to 1 will disable the INT output for all interrupt sources.
2
ARA Disable = 0
R/W
Setting this bit to 1 will disable the SMBus Alert Response Address feature.
3
Perform Free-Wheel
R/W
Setting this bit to 1 will initiate the Fan Free-Wheeling Test. While this test
Test = 0
is being performed normal monitoring of fan speeds, temperature and volt-
ages will be temporarily halted. This bit will automatically reset to 0 once the
test is complete which will take about 10 seconds.
4
Start Monitoring = 0
R/W
Set to 1 to start round robin monitoring cycle of voltage temperature and fan
speeds, fault detection, etc. While this bit is 0, all fans will run at Alarm
Speed. This bit is set at power-up; otherwise, if automatic fan speed control
is enabled by Pin 18.
5
Force CFAULT = 0
R/W
Setting this bit to 1 forces CFAULT to be asserted (Low).
6
Force INT = 0
R/W
Setting this bit to 1 forces INT to be asserted (Polarity depends on Bit 7).
7
INT Polarity = 0
R/W
Polarity of INT when asserted. 1 means High and 0 means Low.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.
Register 05h – GPIO Present / AIN (Power-On Default 0????111)
Bit
Name
R/W
Description
0
GPIO 0 = 1
R/W
Indicates that GPIO0 is being used. Set to 1 on power-up, but can be over-
written by software. Setting this bit to 0 means AIN0 is being used.
1
GPIO 1 = 1
R/W
Indicates that GPIO1 is being used. Set to 1 on power-up, but can be over-
written by software. Setting this bit to 0 means AIN1 is being used.
2
GPIO 2 = 1
R/W
Indicates that GPIO2 is being used. Set to 1 on power-up, but can be over-
written by software.
3
GPIO 3 = ?
R/W
Indicates that GPIO3 is being used. Setting this bit to 0 means TDM1 is
being used. The ADM1029 can detect on power-up if TDM1 is connected.
If so, this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
4
GPIO 4 = ?
R/W
Indicates that GPIO4 is being used. Setting this bit to 0 means TDM1 is
being used. The ADM1029 can detect on power-up if TDM1 is connected.
If so, this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
5
GPIO 5 = ?
R/W
Indicates that GPIO5 is being used. Setting this bit to 0 means TDM2 is
being used. The ADM1029 can detect on power-up if TDM2 is connected.
If so, this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
6
GPIO 6 = ?
R/W
Indicates that GPIO6 is being used. Setting this bit to 0 means TDM2 is
being used. The ADM1029 can detect on power-up if TDM2 is connected.
If so, this bit is set to 0, otherwise it is set to 1. The default setting can be
overwritten by software.
7
Reserved
R
Unused. Will read back 0.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.
ADM1029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com