Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 15 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Rev. 1 | Page 15 of 50 | www.onsemi.com
ADM1029
For the most accurate fan failure indication, the oscillator
frequency should be chosen to give as large a limit value as
possible without the counter overranging. A count close to 3/4
full-scale or 191 is the optimum value.
For example, if a fan produces two tach pulses per revolution
and the fan failure speed is to be 600 rpm, the oscillator fre-
quency should be set to 940 Hz. This will give a count at the fail
speed of:
940
4
60/600/2 = 188
If the oscillator frequency were only 470 Hz, the count would
be 94, while an oscillator frequency of 1880 Hz cannot be used
because the count would be 376 and the counter would overrange.
FAN MONITORING CYCLE TIME
Five complete tach periods are required to carry out a fan speed
measurement Therefore, if the start of a fan measurement just
misses a rising edge, the measurement can take almost six tach
periods for each fan.
The worst-case monitoring cycle time is when both fans are
under speed and the fan speed counter counts up to its maxi-
mum value. The actual count takes 256 oscillator pulses over
four tach periods, plus a further two tach periods or 128 oscilla-
tor pulses before the count starts. The total monitoring cycle
time is therefore:
tMEAS = 384/fOSC(FAN 1) + 384/fOSC(FAN 2)
In order to read a valid result from the Fan Tach Value Registers,
the total monitoring time allowed after starting the monitoring
cycle should be greater than this.
TACH SIGNAL CONDITIONING
Signal conditioning in the ADM1029 accommodates the slow
rise and fall times typical of fan tachometer outputs. The maxi-
mum input signal range is 0 V to 5 V, even if VCC is less than
5 V. In the event that these inputs are supplied from fan outputs
that exceed 0 V to 5 V, either resistive attenuation of the fan
signal or diode clamping must be included to keep inputs within
an acceptable range.
Figures 9a to 9d show circuits for most common fan tach outputs.
If the fan tach output has a resistive pull-up to VCC, it can be
connected directly to the fan input, as shown in Figure 9a.
12V
FAN SPEED
COUNTER
TACH1
OR TACH2
PULL-UP
4.7k
TYP
TACH
OUTPUT
VCC
Figure 9a. Fan with Tach Pull-Up to +VCC
If the fan output has a resistive pull-up to 12 V (or other voltage
greater than 6.5 V), the fan output can be clamped with a Zener
diode, as shown in Figure 9b. The Zener voltage should be
chosen so that it is greater than VIH but less than 6.5 V, allowing
for the voltage tolerance of the Zener. A value of between 3 V
and 5 V is suitable.
12V
FAN SPEED
COUNTER
TACH1
OR TACH2
TACH
OUTPUT
ZD1*
ZENER
PULL-UP
4.7k
TYP
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
VCC
VCC
Figure 9b. Fan with Tach. Pull-Up to Voltage >6.5 V (e.g.,
12 V) Clamped with Zener Diode
If the fan has a strong pull-up (less than 1 kΩ) to 12 V, or a
totem-pole output, a series resistor can be added to limit the
Zener current, as shown in Figure 9c. Alternatively, a resistive
attenuator may be used, as shown in Figure 9d.
R1 and R2 should be chosen such that:
2 V < VPULLUP × R2/(RPULLUP + R1 + R2) < 5 V
The fan inputs have an input resistance of nominally 160 kΩ to
ground, so this should be taken into account when calculating
resistor values.
With a pull-up voltage of 12 V and pull-up resistor less than
1 kΩ, suitable values for R1 and R2 would be 100 kΩ and 47 kΩ.
This will give a high input voltage of 3.83 V.
12V
FAN SPEED
COUNTER
TACH1
OR TACH2
PULL-UP
TYP <1k
OR TOTEM-POLE
ZD1
ZENER*
R1
10k
TACH
O/P
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
VCC
VCC
Figure 9c. Fan with Strong Tach. Pull-Up to >VCC or
Totem-Pole Output, Clamped with Zener and Resistor
12V
FAN SPEED
COUNTER
TACH1
OR TACH2
TACH
OUTPUT
R1*
R2*
<1k
VCC
*SEE TEXT
Figure 9d. Fan with Strong Tach. Pull-Up to >VCC or
Totem-Pole Output, Attenuated with R1/R2
FAN SPEED CONTROL
Fan speed is controlled using pulsewidth modulation (PWM).
The PWM outputs (Pins 1 and 24) give a pulse output with a
programmable frequency (default 250 Hz) and a duty-cycle
defined by the contents of the relevant fan speed register, or by
the automatic fan speed control when this mode is enabled. The
speed at which a fan runs is determined by fault conditions and
the settings of various control and mask registers.
A fan can only be driven if it is defined as being supported by
the controller in register 02h. The ADM1029 supports up to
two fans, so Bits 0 and 1 of this register are permanently set.
This register is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com