Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Rev. 1 | Page 37 of 50 | www.onsemi.com
ADM1029
TEMPERATURE REGISTERS
Register 06h – Temp Devices Installed (Power-On Default 0000 0??1)
Bit
Name
R/W
Description
0
Local Temp = 1
R
This bit is permanently set to 1 since the local temperature sensor is always
available.
1
Remote 1 Temp = ?
R
This bit is set to 1 if the Remote 1 temperature sensor (TDM1) is installed.
(Automatically detected on power-up.)
2
Remote 2 Temp = ?
R
This bit is set to 1 if the Remote 2 temperature sensor (TDM2) is installed.
(Automatically detected on power-up.)
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
NOTE
Question marks on this and following pages indicate bit settings that depend on the state of certain pins on power-up.
Register 30h, 31h, 32h – Temp x
* Offset Registers (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
Offset
R/W
This register contains an offset value that is automatically added to the tem-
perature value to reduce the effects of systemic offset errors.
*“x” denotes the number of the temperature channel. Register 30h is for Local temperature channel, 31h is for Remote 1 Temp (D1), 32h is for Remote 2 Temp (D2).
Register 40h, 41h, 42h – Temp x
* Fault Action (Power-On Default 08h)
Bit
Name
R/W
Description
0
Assert CFAULT on
R/W
When this bit is set, CFAULT will be asserted when the Temp x* tempera-
OT = 0
ture exceeds the Temp x* Temperature High Limit, not otherwise.
1
Alarm speed on OT = 0
R/W
When this bit is set, the fans(s) will go to alarm speed when the Temp x*
temperature exceeds the Temp x* Temperature High limit, not otherwise.
2
INT on OT = 0
R/W
When this bit is set, INT will be asserted when the Temp x* temperature
exceeds the Temp x* Temperature High Limit, not otherwise.
3
Alarm below low = 0
R/W
This bit indicates whether an alarm (INT, CFAULT, or Alarm Speed) is
asserted when temperature goes above or below the Low Limit. 1 = above,
0 = below. This bit is set to 1 at power-up if automatic fan speed control is
enabled by Pin 18, cleared otherwise.
4
Assert CFAULT on
R/W
When this bit is set, CFAULT will be asserted when the Temp x* temperature
UT = 0
crosses the Temp x* Temperature Low Limit, not otherwise. Bit 3 decides
whether CFAULT is asserted for going above or below the Low Limit. This bit is
set to 1 if Automatic Fan Speed Control is enabled on power-up.
5
Alarm speed on UT = 0
R/W
When this bit is set, the fans(s) will go to alarm speed when the Temp x*
temperature crosses the Temp x* Temperature Low Limit, not otherwise. Bit
3 decides whether Alarm Speed is asserted for going above or below the Low Limit.
6
INT on UT = 0
R/W
When this bit is set, INT will be asserted when the Temp x* temperature
crosses the Temp x* Temperature Low Limit, not otherwise. Bit 3 decides
whether INT is asserted for going above or below the Low Limit.
7
Latch Temp Fault = 0
R/W
This bit latches a temperature out-of-limit event (i.e., when the temperature
goes above the high limit or crosses the low limit) on the Temp x* channel.
This bit is cleared by writing a 0 to it.
*“x” denotes the number of the temperature channel. Register 40h is for the Local temperature channel, 41h is for Remote 1 Temp (D1), 42h is for Remote 2
Temp (D2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com