Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 43 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Rev. 1 | Page 43 of 50 | www.onsemi.com
ADM1029
Register 18h, 19h – Fan x
* Fault Action (Power-On Default BFh)
Bit
Name
R/W
Description
0
Assert CFAULT on
R/W
If this bit is set, CFAULT will be asserted when there is a fault (Tach or
Fault = 1
Pins 2/23) on Fan x
*.
1
Assert INT on Fault = 1
R/W
If this bit is set, INT will be asserted when there is a fault (Tach or Pins 2
23) on Fan x
*.
2
Assert CFAULT on
R/W
If this bit is set, CFAULT will be asserted when there is a hot unplug event
Hot Unplug = 1
on Fan x
*.
3
Assert INT on
R/W
If this bit is set, INT will be asserted when there is a hot unplug event
Hot Unplug = 1
on Fan x
*.
4
Thermal Override in
R/W
If Bit 4 in Fan x
* Status Register is set then Fan x* will go to Alarm Speed if
Sleep = 1
an overtemperature event is detected as per settings in Temp x
* Fault Action
Registers, while this bit is set.
5
Drive Fault_ on
R/W
If Bit 3 or Bit 6 of Reg 10 is set, drive Pins 2, 23 low if a fault is generated.
Fault_L = 1
6
Hot-Plug Speed on
R/W
When this bit is set, Fan x
* will go to Hot-Plug Speed when CFAULT is
CFAULT in = 0
pulled low externally.
7
Alarm on CFAULT = 1
R/W
When this bit is set, Fan x
* will go to Alarm Speed when CFAULT is pulled
low externally.
*“x” denotes the fan number. Register 18h is for Fan 1 and Register 19h is for Fan 2.
Register 20h, 21h – Fan x
* Event Mask (Power-On Default FFh)
Bit
Name
R/W
Description
0
Fan 1 = 1
R/W
If a fault (Tach or Pins 2/23) is detected on Fan x
*, Fan 1 will be driven to
Alarm Speed when this bit is set.
1
Fan 2 = 1
R/W
If a fault (Tach or Pins 2/23) is detected on Fan x
*, Fan 2 will be driven to
Alarm Speed when this bit is set.
2
Reserved
R
Unused. Will read back 1.
3
Reserved
R
Unused. Will read back 1.
4
Reserved
R
Unused. Will read back 1.
5
Reserved
R
Unused. Will read back 1.
6
Reserved
R
Unused. Will read back 1.
7
Reserved
R
Unused. Will read back 1.
*“x” denotes the fan number. Register 20h is for Fan 1 and Register 21h is for Fan 2.
Register 60h, 61h – Fan x
* Minimum/Alarm Speed (Power-On Default FFh)
Bit
Name
R/W
Description
3–0
Fan x Minimum Speed
R/W
This nibble contains the Normal speed value for Fan x
*. When in automatic
fan this nibble will contain the minimum speed at which Fan x
* will run. The
power-up default for the Min Speed should be 5hex which corresponds to
33% PWM duty cycle.
7–4
Fan x Alarm Speed
R/W
This nibble contains the Alarm speed value for Fan x
*.
*“x” denotes the fan number. Register 60h is for FAN 1 and 61h is for FAN 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com