Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029ARQZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADM1029ARQZ-R7
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1029ARQZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADM1029ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADM1029ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Rev. 1 | Page 49 of 50 | www.onsemi.com
ADM1029
MISCELLANEOUS REGISTERS
Register 0Bh – S/W RESET (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
S/W Reset
R/W
Writing A6 hex to this register location causes a software reset identical to a
power-on reset. This register is self-clearing so reading from it after the soft-
ware reset has completed will result in 00 hex being read.
Register 0Dh – Manufacturer’s ID (Power-On Default 41h)
Bit
Name
R/W
Description
<7:0>
Manufacturer’s ID Code
R
This register contains the manufacturer’s ID code for the device.
Register 0Eh – Revision (Power-On Default 00h)
Bit
Name
R/W
Description
<3:0>
Minor Revision Code
R
This nibble contains the manufacturer’s code for minor revisions to the device.
<7:4>
Major Revision Code
R
This nibble contains the manufacturer’s code for major revisions to the device
which would likely require a S/W revision.
Register 0Fh – Manufacturer’s Test Register (Power-On Default 00h)
Bit
Name
R/W
Description
<7:0>
Manufacturer’s Test
R/W
This register is used by the manufacturer for test purposes. It should not be
read from or written to in normal operation.
Model
Temperature Range
Package Description
Package Option
ADM1029ARQZ1
0°C to 100°C
Shrink Small Outline Package (QSOP)
RQ-24
ADM1029ARQZ-R71
0°C to 100°C
Shrink Small Outline Package (QSOP)
RQ-24
1Z = Pb-Free part
ORDERING GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com