Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 122 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 118Page - STMicroelectronics L9803 Datasheet HTML 119Page - STMicroelectronics L9803 Datasheet HTML 120Page - STMicroelectronics L9803 Datasheet HTML 121Page - STMicroelectronics L9803 Datasheet HTML 122Page - STMicroelectronics L9803 Datasheet HTML 123Page - STMicroelectronics L9803 Datasheet HTML 124Page - STMicroelectronics L9803 Datasheet HTML 125Page - STMicroelectronics L9803 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
Electrical Characteristics
L9803
122/126
Table 26.
CAN Transceiver
Rl = 60 Ohm, see note 1, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VCANHL_R
Recessive State CAN_H,
CAN_L Output Voltage
TX=High Level
VDD = 5V
ICANH = ICANL = 0
2.0
2.5
3.5
V
VDIFF_R
Recessive State Differential
Output Voltage
(VDIFF = VCANH - VCANL)
TX=High Level
ICANH = ICANL = 0
-500
0
50
mV
VCANH_D
Dominant State CAN_H
Output Voltage
TX = Low Level; VDD
= 5V
2.75
3.5
4.5
V
VCANL_D
Dominant State CAN_L
Output Voltage
TX = Low Level; VDD
= 5V
0.5
1.5
2.25
V
VDIFF_D
Dominant State Differential
Output Voltage
(VDIFF = VCANH - VCANL)
TX = Low Level; VDD
= 5V
1.5
2.0
3.0
V
ISC
CAN_H, CAN_L Short Circuit
Threshold Current
90
200
mA
VREC
Differential Input Voltage for
Recessive State
(VDIFF = VCANH - VCANL)
VCANL = -2V; TX =
High Level
VCANH = 6.5V: TX =
High Level
200
mV
VDOM
Differential Input Voltage for
Dominant State
(VDIFF = VCANH - VCANL)
VCANL = -2V; TX =
High Level
VCANH = 6.1V: TX =
High Level
900
mV
VDIFF_HYS
Differential Input Voltage
Hysteresis
150
mV
tTD
Delay Time from TX to VDIFF =
VCANH - VCANL
50
ns
tDR
Delay Time from VDIFF to RX
VDIFF = VCANH - VCANL
150
ns
tD
Disabled Transmission Time
for Overcurrent Protection
1
5
10
us
SRH
VCANH Slew Rate Between
20% and 80%
15
80
V/
µs
SRL
VCANL Slew Rate Between
20% and 80%
15
80
V/
µs
tTR
Delay Time from TX to RX
200
ns
1/tbit
Transmission speed
non return to zero
1
Mb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com