Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 124 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 118Page - STMicroelectronics L9803 Datasheet HTML 119Page - STMicroelectronics L9803 Datasheet HTML 120Page - STMicroelectronics L9803 Datasheet HTML 121Page - STMicroelectronics L9803 Datasheet HTML 122Page - STMicroelectronics L9803 Datasheet HTML 123Page - STMicroelectronics L9803 Datasheet HTML 124Page - STMicroelectronics L9803 Datasheet HTML 125Page - STMicroelectronics L9803 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
Package information
L9803
124/126
8
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 53. HiQUAD-64 Mechanical Data & Package Dimensions
HiQUAD-64
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.15
0.124
A1
0
0.25
0
0.010
A2
2.50
2.90
0.10
0.114
A3
0
0.10
0
0.004
b
0.22
0.38
0.008
0.015
c
0.23
0.32
0.009
0.012
D
17.00
17.40
0.669
0.685
D1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
D2
2.65
2.80
2.95
0.104
0.110
0.116
E
17.00
17.40
0.669
0.685
E1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
e
0.65
0.025
E2
2.35
2.65
0.092
0.104
E3
9.30
9.50
9.70
0.366
0.374
0.382
E4
13.30
13.50
13.70
0.523
0.531
0.539
F
0.10
0.004
G
0.12
0.005
L
0.80
1.10
0.031
0.043
N10
°(max.)
S
0°(min.), 7˚(max.)
(1): "D1" and "E1" do not include mold flash or protusions
- Mold flash or protusions shall not exceed 0.15mm(0.006inch) per side
c
A
A2
POQU64ME
E4 (slug lenght)
1
64
E1
Gauge Plane
0.35
L
slug
(bottom side)
COPLANARITY
G
e
b
A
N
⊕ F
AB
M
E3
21
33
53
B
E2
D1
D
E
BOTTOM VIEW
C
A3
C
SEATING PLANE
S
A1
E3
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com