Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 3Page - ATMEL Corporation AT89LP51 Datasheet HTML 4Page - ATMEL Corporation AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
7
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
2.1
Block Diagram
Figure 2-1.
AT89LP51/52 Block Diagram
2.2
Comparison to AT89S51/52
The AT89LP51/52 is part of a family of devices with enhanced features that are fully binary com-
patible with the 8051 instruction set. The AT89LP51/52 has two modes of operations,
Compatibility mode and Fast mode. In Compatibility mode the instruction timing, peripheral
behavior, SFR addresses, bit assignments and pin functions are identical to Atmel's existing
AT89S51/52 product. Additional enhancements are transparent to the user and can be used if
desired. Fast mode allows greater performance, but with some differences in behavior. The
major enhancements from the AT89S51/52 are outlined in the following paragraphs and may be
useful to users migrating to the AT89LP51/52 from older devices. A summary of the differences
between Compatibility and Fast modes is given in Table 2-1 on page 9. See also the Application
note “Migrating from AT89S52 to AT89LP52.”
2.2.1
Instruction Execution
In Compatibility mode the AT89LP51/52 CPU uses the six-state machine cycle of the standard
8051 where instruction bytes are fetched every three system clock cycles. Execution times in
this mode are identical to AT89S51/52. For greater performance the user can enable Fast mode
4K/8K Bytes
Flash Code
UART
16-bit Timer 0
16-bit Timer 1
Watchdog
Timer
Configurable
Oscillator
Crystal or
Resonator
256 Bytes
Flash Data
16-bit Timer 2
256 Bytes
RAM
XRAM
Interface
8051 Single Cycle CPU
with 12-cycle Compatibility
POR
BOD
Port 0
Configurable I/O
Port 1
Configurable I/O
Port 2
Configurable I/O
Port 3
Configurable I/O
Port 4
Configurable I/O
RC Auxiliary
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com