Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 29Page - ATMEL Corporation AT89LP51 Datasheet HTML 30Page - ATMEL Corporation AT89LP51 Datasheet HTML 31Page - ATMEL Corporation AT89LP51 Datasheet HTML 32Page - ATMEL Corporation AT89LP51 Datasheet HTML 33Page - ATMEL Corporation AT89LP51 Datasheet HTML 34Page - ATMEL Corporation AT89LP51 Datasheet HTML 35Page - ATMEL Corporation AT89LP51 Datasheet HTML 36Page - ATMEL Corporation AT89LP51 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
33
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
The AT89LP51/52 includes an on-chip Power-On Reset and Brown-out Detector circuit that
ensures that the device is reset from system power up. In most cases a RC startup circuit is not
required on the RST pin, reducing system cost, and the RST pin may be left unconnected if a
board-level reset is not present.
Note:
RST also serves as the In-System Programming (ISP) enable. ISP is enabled when the external
reset pin is held active. When ISP is disabled by fuse, ISP may only be entered by pulling RST
active during power-up. If this behavior is necessary, it is recommended to use an active-low reset
so that ISP can be entered by shorting RST to GND at power-up.
Figure 7-3.
Reset Pin Structure
7.4
Watchdog Reset
When the Watchdog times out, it will generate a reset pulse lasting 49 clock cycles. By default
this pulse is also output on the RST pin. To disable the RST output the DISRTO bit in AUXR
(Compatibility mode) or WDTCON (Fast mode) must be set to one. Watchdog reset will set the
WDTOVF flag in WDTCON. To prevent a Watchdog reset, the watchdog reset sequence
1EH/E1H must be written to WDTRST before the Watchdog times out. See “Programmable
Watchdog Timer” on page 73. for details on the operation of the Watchdog.
7.5
Software Reset
The CPU may generate a 49-clock cycle reset pulse by writing the software reset sequence
5AH/A5H to the WDRST register. A software reset will set the SWRST bit in WDTCON. See
“Software Reset” on page 73 for more information on software reset. Writing any sequences
other than 5AH/A5H or 1EH/E1H to WDTRST will generate an immediate reset and set both
WDTOVF and SWRST to flag an error. Software reset will also drive the RST pin active unless
DISRTO is set.
8.
Power Saving Modes
The AT89LP51/52 supports two different power-reducing modes: Idle and Power-down. These
modes are accessed through the PCON register. Additional steps may be required to achieve
the lowest possible power consumption while using these modes.
8.1
Idle Mode
Setting the IDL bit in PCON enters idle mode. Idle mode halts the internal CPU clock. The CPU
state is preserved in its entirety, including the RAM, stack pointer, program counter, program
status word, and accumulator. The Port pins hold the logic states they had at the time that Idle
was activated. Idle mode leaves the peripherals running in order to allow them to wake up the
VCC
DISRTO
WDT Reset
RST
Internal Reset
POL = 1
VCC
DISRTO
WDT Reset
RST
Internal Reset
POL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com