Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 23Page - ATMEL Corporation AT89LP51 Datasheet HTML 24Page - ATMEL Corporation AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation AT89LP51 Datasheet HTML 28Page - ATMEL Corporation AT89LP51 Datasheet HTML 29Page - ATMEL Corporation AT89LP51 Datasheet HTML 30Page - ATMEL Corporation AT89LP51 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
27
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
The data pointer update bits, DPU1 and DPU0, allow MOVX @DPTR and MOVC @DPTR
instructions to update the selected data pointer automatically in a post-increment or post-decre-
ment fashion. The direction of update depends on the DPD1 and DPD0 bits as shown in Table
5-4. These bits can be used to make block copy routines more efficient.
Table 5-2.
Data Pointer Decrement Behavior
DPD1
DPD0
Equivalent Operation for INC DPTR and INC /DPTR
DPS = 0
DPS = 1
INC DPTR
INC /DPTR
INC DPTR
INC /DPTR
0
0
INC DPTR0
INC DPTR1
INC DPTR1
INC DPTR0
0
1
DEC DPTR0
INC DPTR1
INC DPTR1
DEC DPTR0
1
0
INC DPTR0
DEC DPTR1
DEC DPTR1
INC DPTR0
1
1
DEC DPTR0
DEC DPTR1
DEC DPTR1
DEC DPTR0
Table 5-3.
AUXR1
– Data Pointer Configuration Register
AUXR1 = A2H
Reset Value = 0000 00X0B
Not Bit Addressable
DPU1
DPU0
DPD1
DPD0
SIGEN
0
–
DPS
Bit
7
6
543
21
0
Symbol
Function
DPU1
Data Pointer 1 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR1 will also update
DPTR1 based on DPD1. If DPD1 = 0 the operation is post-increment and if DPD1 = 1 the operation is post-decrement.
When DPU1 = 0, DPTR1 is not updated.
DPU0
Data Pointer 0 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR0 will also update
DPTR0 based on DPD0. If DPD0 = 0 the operation is post-increment and if DPD0 = 1 the operation is post-decrement.
When DPU0 = 0, DPTR0 is not updated.
DPD1
Data Pointer 1 Decrement. When set, INC DPTR instructions targeted to DPTR1 will decrement DPTR1. When cleared,
INC DPTR instructions will increment DPTR1. DPD1 also determines the direction of auto-update for DPTR1 when
DPU1 = 1.
DPD0
Data Pointer 0 Decrement. When set, INC DPTR instructions targeted to DPTR0 will decrement DPTR0. When cleared,
INC DPTR instructions will increment DPTR0. DPD0 also determines the direction of auto-update for DPTR0 when
DPU0 = 1.
SIGEN
Signature Enable. When SIGEN = 1 all MOVC @DPTR instructions and all IAP accesses will target the signature array
memory. When SIGEN = 0, all MOVC and IAP accesses target CODE memory.
DPS
Data Pointer Select. DPS selects the active data pointer for instructions that reference DPTR. When DPS = 0, DPTR will
target DPTR0 and /DPTR will target DPTR1. When DPS = 1, DPTR will target DPTR1 and /DPTR will target DPTR0.
Table 5-4.
Data Pointer Auto-Update
DPD1
DPD0
Update Operation for MOVX and MOVC (DPU1 = 1 & DPU0 = 1)
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
0
0
DPTR0++
DPTR1++
DPTR1++
DPTR0++
0
1
DPTR0--
DPTR1++
DPTR1++
DPTR0--
1
0
DPTR0++
DPTR1--
DPTR1--
DPTR0++
1
1
DPTR0--
DPTR1--
DPTR1--
DPTR0--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com