Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation AT89LP51 Datasheet HTML 18Page - ATMEL Corporation AT89LP51 Datasheet HTML 19Page - ATMEL Corporation AT89LP51 Datasheet HTML 20Page - ATMEL Corporation AT89LP51 Datasheet HTML 21Page - ATMEL Corporation AT89LP51 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
18
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 3-10. External Data Memory 16-bit Linear Address Mode
Figure 3-11 shows a hardware configuration for accessing 256-byte blocks of external RAM
using an 8-bit paged address. Port 0 serves as a multiplexed address/data bus to the RAM. The
ALE strobe is used to latch the address byte into an external register so that Port 0 can be freed
for data input/output. The Port 2 I/O lines (or other ports) can provide control lines to page the
memory; however, this operation is not handled automatically by hardware. The software appli-
cation must change the Port 2 register when appropriate to access different pages. The
MOVX @Ri instructions use Paged Address mode.
Figure 3-11. External Data Memory 8-bit Paged Address Mode
Note that prior to using the external memory interface, WR (P3.6) and RD (P3.7) must be config-
ured as outputs. See Section 10.1 “Port Configuration” on page 40. P0 and P2 are configured
automatically to push-pull output mode when outputting address or data and P0 is automatically
tristated when inputting data regardless of the port configuration. The Port 0 configuration will
determine the idle state of Port 0 when not accessing the external memory.
Figure 3-12 and Figure 3-13 show examples of external data memory write and read cycles,
respectively. The address on P0 and P2 is stable at the falling edge of ALE. The idle state of
ALE is controlled by DISALE (AUXR.0). When DISALE = 0 the ALE toggles at a constant rate
when not accessing external memory. When DISALE = 1 the ALE is weakly pulled high. DISALE
must be one in order to use P4.4 as a general-purpose I/O. The WS bits in AUXR can extended
the RD and WR strobes by 1, 2 or 3 cycles as shown in Figures 3-16, 3-17 and 3-18. If a longer
strobe is required, the application can scale the system clock with the clock divider to meet the
requirements (See Section 6.4 on page 30).
P1
P0
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
OE
P1
P0
I/O
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
PAGE
BITS
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com