Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 36Page - ATMEL Corporation AT89LP51 Datasheet HTML 37Page - ATMEL Corporation AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
40
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
10. I/O Ports
The AT89LP51/52 can be configured for between 32 and 36 I/O pins. The exact number of I/O
pins available depends on the clock, external memory and package type as shown in Table 10-
1.
10.1
Port Configuration
Each 8-bit port on the AT89LP51/52 may be configured in one of four modes: quasi-bidirectional
(standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port modes may
be assigned in software on a port-by-port basis as shown in Table 10-2 using the PMOD register
listed in Table 10-3. The Tristate-Port User Fuse determines the default state of the port pins.
When the fuse is enabled, all port pins default to input-only mode after reset. When the fuse is
disabled, all port pins on P1, P2 and P3 default to quasi-bidirectional mode after reset and are
weakly pulled high. P0 is set to Open-drain mode. P4 always operates in quasi-bidirectional
mode.
Each port pin also has a Schmitt-triggered input for improved input noise rejection. During
Power-down all the Schmitt-triggered inputs are disabled with the exception of P3.2 (INT0), P3.3
(INT1), RST, P4.6 (XTAL1) and P4.7 (XTAL2). Therefore, P3.2, P3.3, P4.6 and P4.7 should not
be left floating during Power-down.
.
Table 10-1.
I/O Pin Configurations
Clock Source
External Program Access
External Data Access
Number of I/O
Pins
External Crystal or
Resonator
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
14
No
16
No
Yes (ALE+RD+WR+P0)
31
No
34
External Clock
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
15
No
17
No
Yes (ALE+RD+WR+P0)
32
No
35
Internal RC
Oscillator
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
16
No
18
No
Yes (ALE+RD+WR+P0)
33
No
36
Table 10-2.
Configuration Modes for Port x
PxM0
PxM1
Port Mode
00
Quasi-bidirectional
01
Push-pull Output
10
Input Only (High Impedance)
1
1
Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com