Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation AT89LP51 Datasheet HTML 46Page - ATMEL Corporation AT89LP51 Datasheet HTML 47Page - ATMEL Corporation AT89LP51 Datasheet HTML 48Page - ATMEL Corporation AT89LP51 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
45
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
11. Timer 0 and Timer 1
The AT89LP51/52 has two 16-bit Timer/Counters, Timer 0 and Timer 1, with the following
features:
• Two independent 16-bit timer/counters with 8-bit reload registers
•UART baud rate generation using Timer 1
•Output pin toggle on timer overflow
• Split timer mode allows for three separate timers (2 8-bit, 1 16-bit)
•Gated modes allow timers to run/halt based on an external input
Timer 0 and Timer 1 have similar modes of operation. As timers, the timer registers normally
increase every clock cycle. Thus, the registers count clock cycles. The timer rate can be pres-
caled by a value between 1 and 16 using the Timer Prescaler (see Table 6-2 on page 30). Both
Timers share the same prescaler. In Compatibility mode CDV defaults to 2, so a clock cycle con-
sists of two oscillator periods,and the prescaler defaults to 6 making the count rate equal to 1/12
of the oscillator frequency. By default in Fast mode CDV = 0 and TPS =0 so the count rate is
equal to the oscillator frequency.
As counters, the timer registers are incremented in response to a 1-to-0 transition at the corre-
sponding input pins, T0 or T1. In Fast mode the external input is sampled every clock cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is incre-
mented. The new count value appears in the register during the cycle following the one in which
the transition was detected. Since 2 clock cycles are required to recognize a 1-to-0 transition,
the maximum count rate is 1/2 of the system frequency. There are no restrictions on the duty
cycle of the input signal, but it should be held for at least one full clock cycle to ensure that a
given level is sampled at least once before it changes.
In Compatibility mode the counter input sampling is controlled by the prescaler. Since TPS
defaults to 6 in this mode, the pins are sampled every six system clocks. Therefore the input sig-
nal should be held for at least six clock cycles to ensure that a given level is sampled at least
once before it changes.
Furthermore, the Timer or Counter functions for Timer 0 and Timer 1 have four operating modes:
13-bit timer, 16-bit timer, 8-bit auto-reload timer, and split timer. The control bits C/T in the Spe-
cial Function Register TMOD select the Timer or Counter function. The bit pairs (M1, M0) in
TMOD select the operating modes.
Table 11-1.
Timer 0/1 Register Summary
Name
Address
Purpose
Bit-Addressable
TCON
88H
Control
Y
TMOD
89H
Mode
N
TL0
8AH
Timer 0 low-byte
N
TL1
8BH
Timer 1 low-byte
N
TH0
8CH
Timer 0 high-byte
N
TH1
8DH
Timer 1 high-byte
N
TCONB
91H
Mode
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com