Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
80
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
The Parallel interface is a special mode of the serial interface, i.e. the serial interface is used to
enable the parallel interface. After enabling the interface serially over P1.7/SCK and P1.5/MOSI,
P1.5 is reconfigured as an active-low output enable (OE) for data on Port 0. When OE =1, com-
mand, address and write data bytes are input on Port 0 and sampled at the rising edge of SCK.
When OE =0, read data bytes are output on Port 0 and should be sampled on the falling edge of
SCK. The P1.7/SCK and RST pins continue to function in the same manner. With the addition of
VDD and GND, the parallel interface requires a minimum of fourteen connections as shown in
Figure 17-2. Note that a connection to P1.6/MISO is not required for using the parallel interface.
Figure 17-2. Parallel Programming Device Connections
The Programming Interface is the only means of externally programming the AT89LP51/52
microcontroller. The Interface can be used to program the device both in-system and in a stand-
alone serial programmer. The Interface does not require any clock other than SCK and is not
limited by the system clock frequency. During Programming the system clock source of the tar-
get device can operate normally.
When designing a system where In-System Programming will be used, the following observa-
tions must be considered for correct operation:
•The ISP interface uses the SPI clock mode 0 (CPOL = 0, CPHA = 0) exclusively with a
maximum frequency of 5 MHz.
•The AT89LP51/52 will enter programming mode only when its reset line (RST) is active. To
simplify this operation, it is recommended that the target reset can be controlled by the In-
System programmer. To avoid problems, the In-System programmer should be able to keep
the entire target system reset for the duration of the programming cycle. The target system
should never attempt to drive the three SPI lines while reset is active.
•The ISP Enable Fuse must be set to allow programming during any reset period. If the ISP
Fuse is disabled, ISP may only be entered at POR. To enter programming the RST pin must
be driven active prior to the end of Power-On Reset (POR). After POR has completed the
device will remain in ISP mode until RST is brought inactive. Once the initial ISP session has
ended, the power to the target device must be cycled OFF and ON to enter another session.
Note that if this method is required, an active-low reset polarity is recommended.
•For standalone programmers, an active-low reset polarity is recommended (POL = 0). RST
may then be tied directly to GND to ensure correct entry into Programming mode regardless
of the device settings.
AT89LP51/52
VDD
RST
P1.7/SCK
P1.5/MOSI
GND
Clock
OE
RST
POL
GND or VDD
P0.7-0
Data In/Out
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com