Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 31Page - ATMEL Corporation AT89LP51 Datasheet HTML 32Page - ATMEL Corporation AT89LP51 Datasheet HTML 33Page - ATMEL Corporation AT89LP51 Datasheet HTML 34Page - ATMEL Corporation AT89LP51 Datasheet HTML 35Page - ATMEL Corporation AT89LP51 Datasheet HTML 36Page - ATMEL Corporation AT89LP51 Datasheet HTML 37Page - ATMEL Corporation AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
35
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
8.2.1
Interrupt Recovery from Power-down
Two external interrupt sources may be configured to terminate Power-down mode: external
interrupts INT0 (P3.2) and INT1 (P3.3). To wake up by external interrupt INT0 or INT1, that inter-
rupt must be enabled by setting EX0 or EX1 in IE and must be configured for level-sensitive
operation by clearing IT0 or IT1.
When terminating Power-down by an interrupt, two different wake-up modes are available.
When PWDEX in PCON is one, the wake-up period is internally timed as shown in Figure 8-1. At
the falling edge on the interrupt pin, Power-down is exited, the oscillator is restarted, and an
internal timer begins counting. The internal clock will not be allowed to propagate to the CPU
until after the timer has timed out. After the time-out period the interrupt service routine will
begin. The time-out period is controlled by the Start-up Timer Fuses (see Table 7-1 on page 32).
The interrupt pin need not remain low for the entire time-out period.
Figure 8-1.
Interrupt Recovery from Power-down (PWDEX = 1)
When PWDEX = “0”, the wake-up period is controlled externally by the interrupt. Again, at the
falling edge on the interrupt pin, power-down is exited and the oscillator is restarted. However,
the internal clock will not propagate until the rising edge of the interrupt pin as shown in Figure 8-
2. The interrupt pin should be held low long enough for the selected clock source to stabilize.
After the rising edge on the pin the interrupt service routine will be executed.
Figure 8-2.
Interrupt Recovery from Power-down (PWDEX = 0)
8.2.2
Reset Recovery from Power-down
The wake-up from Power-down through an external reset is similar to the interrupt with
PWDEX = “1”. At the rising edge of RST, Power-down is exited, the oscillator is restarted, and
an internal timer begins counting as shown in Figure 8-3. The internal clock will not be allowed to
propagate to the CPU until after the timer has timed out. The time-out period is controlled by the
Start-up Timer Fuses. (See Table 7-1 on page 32). If RST returns low before the time-out, a two
clock cycle internal reset is generated when the internal clock restarts. Otherwise, the device will
remain in reset until RST is brought low.
PWD
INT1
XTAL1
tSUT
Internal
Clock
PWD
INT1
XTAL1
Internal
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com