Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation AT89LP51 Datasheet HTML 92Page - ATMEL Corporation AT89LP51 Datasheet HTML 93Page - ATMEL Corporation AT89LP51 Datasheet HTML 94Page - ATMEL Corporation AT89LP51 Datasheet HTML 95Page - ATMEL Corporation AT89LP51 Datasheet HTML 96Page - ATMEL Corporation AT89LP51 Datasheet HTML 97Page - ATMEL Corporation AT89LP51 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
94
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 18-2. Idle Supply Current vs. Vcc (1.8432 MHz Internal Oscillator)
Note:
All characteristics contained in this datasheet are based on simulation and characterization of
other microcontrollers manufactured in the same process technology. These values are prelimi-
nary values representing design targets, and will be updated after characterization of actual
silicon.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.25
0.50
0.75
85C
-40C
25C
Vcc (V)
Idle Supply Current vs. Vcc
1.8432 MHz Internal Oscillator
Compatibility Mode
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.25
0.50
0.75
85C
-40C
25C
Vcc (V)
Fast Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com