Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
85
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
7. Atmel Signature Bytes:
8. Symbol Key:
17.4
Status Register
The current state of the memory may be accessed by reading the status register. The status reg-
ister is shown in Table 17-3.
17.5
DATA Polling
The AT89LP51/52 implements DATA polling to indicate the end of a programming cycle. While
the device is busy, any attempted read of the last byte written will return the data byte with the
MSB complemented. Once the programming cycle has completed, the true value will be acces-
sible. During Erase the data is assumed to be FFH and DATA polling will return 7FH. When
writing multiple bytes in a page, the DATA value will be the last data byte loaded before pro-
gramming begins, not the written byte with the highest physical address within the page.
17.6
Flash Security
The AT89LP51/52 provides three Lock Bits for Flash Code and Data Memory security. Lock bits
can be left unprogrammed (FFh) or programmed (00h) to obtain the protection levels listed in
Table 17-4. Lock bits can only be erased (set to FFh) by Chip Erase. Lock bit mode 2 disables
programming of all memory spaces, including the User Signature Array and User Configuration
Fuses. User fuses must be programmed before enabling Lock bit mode 2 or 3. Lock bit mode 3
Address:
0000H
0001H
0002H
AT89LP51:
1EH
54H
05H
AT89LP52:
1EH
54H
06H
a:Page Address Bit
s:Half Page Select Bit
b:
Byte Address Bit
x:
Don’t Care Bit
Table 17-3.
Status
Register
–
––
–
LOAD
SUCCESS
WRTINH
BUSY
Bit
7
6
543
21
0
Symbol
Function
LOAD
Load flag. Cleared low by the load page buffer command and set high by the next memory write. This flag signals that
the page buffer was previously loaded with data by the load page buffer command.
SUCCESS
Success flag. Cleared low at the start of a programming cycle and will only be set high if the programming cycle
completes without interruption from the brownout detector.
WRTINH
Write Inhibit flag. Cleared low by the brownout detector (BOD) whenever programming is inhibited due to V
DD falling
below the minimum required programming voltage. If a BOD episode occurs during programming, the SUCCESS flag
will remain low after the cycle is complete.
BUSY
Busy flag. Cleared low whenever the memory is busy programming or if write is currently inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com