Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation AT89LP51 Datasheet HTML 18Page - ATMEL Corporation AT89LP51 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
15
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
peripherals will continue to function during the write cycle; however, interrupts will not be ser-
viced until the write completes.
For external execution the AT89LP51/52 uses an execute-while-write architecture where the
CPU continues to operate while the write occurs. The software should poll the state of the BUSY
flag to determine when the write completes. Interrupts must be disabled during the write
sequence as the CPU will not be able to vector to the internal interrupt table and care should be
taken that the application does not jump to an internal address until the write completes.
To enable write access to the nonvolatile data memory, the MWEN bit (MEMCON.4) must be set
to one. When MWEN = 1 and DMEN = 1, MOVX @DPTR,A may be used to write to FDATA.
FDATA uses flash memory with a page-based programming model. Flash data memory differs
from traditional EEPROM data memory in the method of writing data. EEPROM generally can
update a single byte with any value. Flash memory splits programming into write and erase
operations. A Flash write can only program zeroes, i.e change ones into zeroes (). Any
ones in the write data are ignored. A Flash erase sets an entire page of data to ones so that all
bytes become FFH. Therefore after an erase, each byte in the page can only be written once
with any possible value. Bytes can be overwritten without an erase as long as only ones are
changed into zeroes. However, if even a single bit needs updating from zero to one (
);
then the contents of the page must first be saved, the entire page must be erased and the zero
bits in all bytes (old and new data combined) must be written. Avoiding unnecessary page
erases greatly improves the endurance of the memory..
The AT89LP51/52 includes 2 data pages of 128 bytes each. One or more bytes in a page may
be written at one time. The AT89LP51/52 includes a temporary page buffer of 64 bytes, or half of
a page. Because the page buffer is 64 bytes long, the maximum number of bytes written at one
time is 64. Therefore, two write cycles are required to fill the entire 128-byte page, one for the
low half page (00H–3FH) and one for the high half page (40H–7FH) as shown in Figure 3-7.
Figure 3-7.
Page Programming Structure
The LDPG bit (MEMCON.5) allows multiple data bytes to be loaded to the temporary page buf-
fer. While LDPG = 1, MOVX @DPTR,A instructions will load data to the page buffer, but will not
start a write sequence. Note that a previously loaded byte must not be reloaded prior to the write
sequence. To write the half page into the memory, LDPG must first be cleared and then a
MOVX @DPTR,A with the final data byte is issued. The address of the final MOVX determines
which half page will be written. If a MOVX @DPTR,A instruction is issued while LDPG = 0 with-
out loading any previous bytes, only a single byte will be written. The page buffer is reset after
each write operation. Figures 3-8 and Figure 3-9 on page 16 show the difference between byte
writes and page writes.
10
→
01
→
Low Half Page
00
3F
Data Memory
High Half Page
40
7F
00
3F
Page Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com