Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation AT89LP51 Datasheet HTML 46Page - ATMEL Corporation AT89LP51 Datasheet HTML 47Page - ATMEL Corporation AT89LP51 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
44
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
10.3
Port Alternate Functions
Most general-purpose digital I/O pins of the AT89LP51/52 share functionality with the various
I/Os needed for the peripheral units. Table 10-6 lists the alternate functions of the port pins.
Alternate functions are connected to the pins in a logic AND fashion. In order to enable the
alternate function on a port pin, that pin must have a “1” in its corresponding port register bit,
otherwisethe input/output will always be “0”. However, alternate functions may be temporarily
forced to “0” by clearing the associated port bit, provided that the pin is not in input-only mode.
Furthermore, each pin must be configured for the correct input/output mode as required by its
peripheral before it may be used as such. Table 10-5 shows how to configure a generic pin for
use with an alternate function. If two or more port pins on the same 8-bit require difference direc-
tions, the port must be configured for bidirectional operation.
Table 10-5.
Pin Function Configurations for Port x Pin y
PxM0
PxM1
Px.y
I/O Mode
00
1
bidirectional (internal pull-up)
01
1
output
10
X
input
11
1
bidirectional (external pull-up)
Table 10-6.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0
PxM1
P0.0–P0.7
N/A
AD0–AD7
Address and data on Port 0 are
automatically configured as output
or input regardless of P0M0 and
P0M1.
P1.0
P1M0
P1M1
T2
T2 Clock out toggles P1.0 directly
P1.1
P1M0
P1M1
T2EX
P1.5
P1M0
P1M1
MOSI
P1.6
P1M0
P1M1
MISO
P1.7
P1M0
P1M1
SCK
P2.0–P2.7
N/A
A8–A15
Address on Port 2 is automatically
configured as output regardless of
P2M0 and P2M1.
P3.0
P3M0
P3M1
RXD
P3.1
P3M0
P3M1
TXD
P3.2
P3M0
P3M1
INT0
P3.3
P3M0
P3M1
INT1
P3.4
P3M0
P3M1
T0
T0 Clock out toggles P3.4 directly
P3.5
P3M0
P3M1
T1
T1 Clock out toggles P3.5 directly
P3.6
P3M0
P3M1
WR
P3.7
P3M0
P3M1
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com