Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
87
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Notes:
1. The default state for all fuses is FFh.
2. Changes to these fuses will only take effect after a device POR.
3. Changes to these fuses will only take effect after the ISP session terminates by bringing RST inactive.
17.8
User Signature
The User Signature Array contains 256 bytes of non-volatile memory in two 128-byte pages. The
User Signature is available for serial numbers, firmware revision information, date codes or other
user parameters. The User Signature Array may only be written by an external device when the
User Signature Programming Fuse is enabled. When the fuse is enabled, Chip Erase will also
erase the first page of the array. When the fuse is disabled, the array is not affected by write or
erase commands. Programming of the Signature Array can also be disabled by the Lock Bits.
However, reading the signature is always allowed and the array should not be used to store
security sensitive information. The User Signature Array may be modified during execution
through the In-Application Programming interface, regardless of the state of the User Signature
Programming fuse or Lock Bits, provided that the IAP Fuse is enabled. Note that the address of
the User Signature Array, as seen by the IAP interface, equals the User Signature address plus
256 (0100H–01FFH instead of 0000H–00FFH).
17.9
Programming Interface Timing
This section details general system timing sequences and constraints for entering or exiting In-
System Programming as well as parameters related to the Serial Peripheral Interface during
ISP. The general timing parameters for the following waveform figures are listed in section “Tim-
ing Parameters” on page 91.
17.9.1
Power-up Sequence
Execute this sequence to enter programming mode immediately after power-up. In the RST pin
is disabled or if the ISP Fuse is disabled, this is the only method to enter programming (see
“External Reset” on page 32).
1.
Apply power between VDD and GND pins. RST should remain low.
2.
Wait at least t
PWRUP. and drive RST high if active-high otherwise keep low.
3.
Wait at least t
SUT for the internal Power-on Reset to complete. The value of tSUT will
depend on the current settings of the device.
4.
Start programming session.
07H
Tristate Ports
FFh: I/O Ports start in input-only mode (tristated) after reset
00h: I/O Ports start in quasi-bidirectional mode after reset
08H
In-Application Programming
FFh: In-Application Programming Disabled
00h: In-Application Programming Enabled
09H
R1 Enable
FFh: 5 M
Ω resistor on XTAL1 Disabled
00h: 5 M
Ω resistor on XTAL1 Enabled
Table 17-5.
User Configuration Fuse Definitions
Address
Fuse Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com