Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 28Page - ATMEL Corporation AT89LP51 Datasheet HTML 29Page - ATMEL Corporation AT89LP51 Datasheet HTML 30Page - ATMEL Corporation AT89LP51 Datasheet HTML 31Page - ATMEL Corporation AT89LP51 Datasheet HTML 32Page - ATMEL Corporation AT89LP51 Datasheet HTML 33Page - ATMEL Corporation AT89LP51 Datasheet HTML 34Page - ATMEL Corporation AT89LP51 Datasheet HTML 35Page - ATMEL Corporation AT89LP51 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
32
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
7.2
Brown-out Reset
The AT89LP51/52 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
DD level
during operation by comparing it to a fixed trigger level. The trigger level V
BOD for the BOD is
nominally 2.0V. The purpose of the BOD is to ensure that if V
DD fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. A BOD sequence is shown in Figure 7-2. When V
DD decreases to a value below the
trigger level V
BOD, the internal reset is immediately activated. When VDD increases above the
trigger level plus about 200 mV of hysteresis, the start-up timer releases the internal reset after
the specified time-out period has expired (Table 7-1).
Figure 7-2.
Brown-out Detector Reset
The AT89LP51/52 allows for a wide V
DD operating range. The on-chip BOD may not be suffi-
cient to prevent incorrect execution if V
BOD is lower than the minimum required VDD range, such
as when a 5.0V supply is coupled with high frequency operation. In such cases an external
Brown-out Reset circuit connected to the RST pin may be required.
7.3
External Reset
The RST pin of the AT89LP51/52 can function as either an active-low reset input or as an active-
high reset input. The polarity of the RST pin is selectable using the POL pin (formerly EA). When
POL is high the RST pin is active high with an on-chip pull-down resistor tied to GND. When
POL is low the RST pin is active low with an on-chip pull-up resistor tied to V
DD. The RST pin
structure is shown in Figure 7-3. In Compatibility mode the reset pin is sampled every six clock
cycles and must be held active for at least twelve clock cycles to trigger the internal reset. In
Fast mode the reset pin is sampled every clock cycle and must be held active for at least two
clock cycles to trigger the internal reset.
Table 7-1.
Start-up Timer Settings
SUT Fuse 1
SUT Fuse 0
Clock Source
t
SUT (± 5%) µs
00
Internal RC/External Clock
16
Crystal Oscillator
1024
01
Internal RC/External Clock
512
Crystal Oscillator
2048
10
Internal RC/External Clock
1024
Crystal Oscillator
4096
11
Internal RC/External Clock
4096
Crystal Oscillator
16384
VDD
Time-out
VPOR
Internal
Reset
tSUT
VBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com