Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation AT89LP51 Datasheet HTML 80Page - ATMEL Corporation AT89LP51 Datasheet HTML 81Page - ATMEL Corporation AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
79
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
17. Programming the Flash Memory
The Atmel AT89LP51/52 microcontroller features 8K bytes of on-chip In-System Programmable
Flash program memory and 256bytes of nonvolatile Flash data memory. In-System Program-
ming allows programming and reprogramming of the microcontroller positioned inside the end
system. Using a simple 3-wire SPI interface, the programmer communicates serially with the
AT89LP51/52 microcontroller, reprogramming all nonvolatile memories on the chip. In-System
Programming eliminates the need for physical removal of the chips from the system. This will
save time and money, both during development in the lab, and when updating the software or
parameters in the field. The programming interface of the AT89LP51/52 includes the following
features:
• Three-wire serial SPI Programming Interface or 11-pin Parallel Interface
• Selectable Polarity Reset Entry into Programming
•User Signature Array
•Flexible Page Programming
•Row Erase Capability
•Page Write with Auto-Erase Commands
•Programming Status Register
For more detailed information on In-System Programming, refer to the Application Note entitled
“AT89LP In-System Programming Specification”.
17.1
Physical Interface
The AT89LP51/52 provides a standard programming command set with two physical interfaces:
a bit-serial and a byte-parallel interface. Normal Flash programming utilizes the Serial Peripheral
Interface (SPI) pins of an AT89LP51/52 microcontroller. The SPI is a full-duplex synchronous
serial interface consisting of three wires: Serial Clock (SCK), Master-In/Slave-out (MISO), and
Master-out/Slave-in (MOSI)). When programming an AT89LP51/52 device, the programmer
always operates as the SPI master, and the target system always operates as the SPI slave. To
enter or remain in Programming mode the device’s reset line (RST) must be held active. With
the addition of VDD and GND, an AT89LP51/52 microcontroller can be programmed with a min-
imum of seven connections as shown in Figure 17-1.
Figure 17-1. In-System Programming Device Connections
AT89LP51/52
VDD
RST
P1.7/SCK
P1.5/MOSI
GND
Serial Clock
Serial In
RST
POL
P1.6/MISO
Serial Out
GND or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com