Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 34Page - ATMEL Corporation AT89LP51 Datasheet HTML 35Page - ATMEL Corporation AT89LP51 Datasheet HTML 36Page - ATMEL Corporation AT89LP51 Datasheet HTML 37Page - ATMEL Corporation AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
38
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
instruction is 5 cycles long. If the instruction in progress is RETI, the additional wait time cannot
be more than 9 cycles (a maximum of 4 more cycles to complete the instruction in progress, plus
a maximum of 5 cycles to complete the next instruction). Thus, in a single-interrupt system, the
response time is always more than 5 clock cycles and less than 14 clock cycles. See Figure 9-1
and Figure 9-2.
Figure 9-1.
Minimum Interrupt Response Time (Fast Mode)
Figure 9-2.
Maximum Interrupt Response Time (Fast Mode)
Figure 9-3.
Minimum Interrupt Response Time (Compatibility Mode)
Figure 9-4.
Maximum Interrupt Response Time (Compatibility Mode)
Clock Cycles
INT0
IE0
15
Instruction
LCALL
1st ISR Instr.
Cur. Instr.
Ack.
Clock Cycles
INT0
IE0
1
14
Instruction
RETI
MOVX @/DPTR, A
LCALL
1st ISR Instr.
Ack.
510
Clock Cycles
INT0
IE0
1
Instruction
LCALL
ISR
Ack.
14
Clock Cycles
INT0
IE0
1
Instruction
RETI
MUL AB
LCALL
ISR
Ack.
13
37
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com